Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53DIP Datasheet (PDF) - STMicroelectronics

VIPER53DIP Datasheet PDF - STMicroelectronics
Part # VIPER53DIP
Download  VIPER53DIP Download
File Size   259.77 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OFF LINE PRIMARY SWITCH

VIPER53DIP Datasheet (PDF)

Go To PDF Page Download Datasheet
VIPER53DIP Datasheet PDF - STMicroelectronics

Part # VIPER53DIP
Download  VIPER53DIP Click to download

File Size   259.77 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OFF LINE PRIMARY SWITCH

VIPER53DIP Datasheet (HTML) - STMicroelectronics


VIPER53DIP Product details

DESCRIPTION

The VIPer53 combines in the same package an enhanced current mode PWM controller with a high voltage MDMesh Power Mosfet. Typical applications cover off line power supplies with a secondary power capability ranging up to 30W in wide range input voltage or 50W in single European voltage range and DIP-8 package, with the following benefits:



– Overload and short circuit controlled by feedback monitoring and delayed device reset.

– Efficient standby mode by enhanced pulse skipping.

– Primary regulation or secondary loop failure protection through high gain error amplifier.



FEATURES

SWITCHING FREQUENCY UP TO 300 kHz

CURRENT LIMITATION

CURRENT MODE CONTROL WITH ADJUSTABLE LIMITATION

SOFT START AND SHUT DOWN CONTROL

AUTOMATIC BURST MODE IN STAND-BY CONDITION (“BLUE ANGEL” COMPLIANT)

UNDERVOLTAGE LOCKOUT WITH HYSTERESIS

HIGH VOLTAGE STARTUP CURRENT SOURCE

OVERTEMPERATURE PROTECTION

OVERLOAD AND SHORT-CIRCUIT CONTROL




Similar Part No. - VIPER53DIP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER53DIP-E STMICROELECTRONICS-VIPER53DIP-E Datasheet
358Kb / 36P
OFF-line primary switch
13-Nov-2006
More results


Similar Description - VIPER53DIP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER22ADIP STMICROELECTRONICS-VIPER22ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
VIPER53-E STMICROELECTRONICS-VIPER53-E Datasheet
358Kb / 36P
OFF-line primary switch
13-Nov-2006
VIPER53EDIP-E STMICROELECTRONICS-VIPER53EDIP-E Datasheet
285Kb / 31P
OFF-line Primary Switch
12-Jan-2006
logo
Texas Instruments
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
Off-Line Primary-Side Sensing Controller
logo
Shenzhen Winsemi Microe...
WS3253 WINSEMI-WS3253 Datasheet
266Kb / 11P
High Precision Primary-Side Off-line PWM Power Switch
WS3254 WINSEMI-WS3254 Datasheet
238Kb / 10P
High Precision Primary-Side Off-line PWM Power Switch
WS3255D8P WINSEMI-WS3255D8P Datasheet
233Kb / 9P
High Precision Primary-Side Off-line PWM Power Switch
WS3256 WINSEMI-WS3256 Datasheet
233Kb / 9P
High Precision Primary-Side Off-line PWM Power Switch
logo
STMicroelectronics
VIPER22A-E STMICROELECTRONICS-VIPER22A-E Datasheet
409Kb / 21P
Low power OFF-line SMPS primary switcher
25-Nov-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com