Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53DIP Datasheet(PDF) 2 Page - STMicroelectronics

Part # VIPER53DIP
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53DIP Datasheet(HTML) 2 Page - STMicroelectronics

  VIPER53DIP Datasheet HTML 1Page - STMicroelectronics VIPER53DIP Datasheet HTML 2Page - STMicroelectronics VIPER53DIP Datasheet HTML 3Page - STMicroelectronics VIPER53DIP Datasheet HTML 4Page - STMicroelectronics VIPER53DIP Datasheet HTML 5Page - STMicroelectronics VIPER53DIP Datasheet HTML 6Page - STMicroelectronics VIPER53DIP Datasheet HTML 7Page - STMicroelectronics VIPER53DIP Datasheet HTML 8Page - STMicroelectronics VIPER53DIP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
VIPer53DIP / VIPer53SP
2/24
PIN FUNCTION
CURRENT AND VOLTAGE CONVENTIONS
CONNECTION DIAGRAM
ORDER CODES
Name
Function
VDD
Power supply of the control circuits. Also provides the charging current of the external capacitor during
start-up. The functions of this pin are managed by four threshold voltages:
- VDDon: Voltage value at which the device starts switching (Typically 11.5 V).
- VDDoff: Voltage value at which the device stops switching (Typically 8.4 V).
- VDDreg: Regulation voltage point when working in primary feedback (Trimmed to 15 V).
- VDDovp: Triggering voltage of the overvoltage protection (Trimmed to 18 V).
SOURCE
Power Mosfet source and circuit ground reference.
DRAIN
Power Mosfet drain. Also used by the internal high voltage current source during the start-up phase, for
charging the external VDD capacitor.
COMP
Input of the current mode structure, and output of the internal error amplifier. Allows the setting of the
dynamic characteristic of the converter through an external passive network. Useful voltage range
extends from 0.5 V to 4.5 V. The Power Mosfet is always off below 0.5 V, and the overload protection is
triggered if the voltage exceeds 4.35V. This action is delayed by the timing capacitor connected to the
TOVL pin.
TOVL
Allows the connection of an external capacitor for delaying the overload protection, which is triggered by
a voltage on the COMP pin higher than 4.35V.
OSC
Allows the setting of the switching frequency through an external Rt-Ct network.
PACKAGE
TUBE
TAPE and REEL
DIP-8
VIPer53DIP
-
PowerSO-10™
VIPer53SP
VIPer53SP13TR
15V
VDD
OSC
DRAIN
SOURCE
COMP
TOVL
I
DD
V
DD
I
OSC
V
OSC
I
TOVL
V
TOVL
I
COMP
V
COMP
I
D
V
DS
1
2
3
4
5
10
9
8
7
6
VDD
TOVL
NC
NC
NC
OSC
COMP
NC
NC
SOURCE
DRAIN
SOURCE
TOVL
COMP
VDD
NC
DRAIN
SOURCE
1
5
4
8
7
6
2
3
OSC
DIP-8
PowerSO-10™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com