Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFXX Datasheet (PDF) - STMicroelectronics

LFXX Datasheet PDF - STMicroelectronics
Part # LFXX
Download  LFXX Download
File Size   1189.63 Kbytes
Page   54 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Logic-controlled electronic shutdown

LFXX Datasheet (PDF)

Go To PDF Page Download Datasheet
LFXX Datasheet PDF - STMicroelectronics

Part # LFXX
Download  LFXX Click to download

File Size   1189.63 Kbytes
Page   54 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Logic-controlled electronic shutdown

LFXX Datasheet (HTML) - STMicroelectronics


LFXX Product details

Description
The LFXX is a very low drop regulator available in TO-220, TO-220FP, DPAK and PPAK packages and in a wide range of output voltages. The low drop voltage (0.45 V) and low quiescent current make it particularly suitable for low-noise, low-power applications and especially in battery powered systems. In the 5 pin configuration (PPAK) a shutdown logic control function is available (pin 2, TTL compatible). This means that when the device is used as a local regulator, a part of the board can be put in standby, decreasing the total power consumption. In the three terminal configuration, the device has the same electrical performance, but it is fixed in ON state. It requires a capacitor of only 2.2 µF for stability, saving board space and costs. The LFXX is available as automotive grade in DPAK and PPAK packages, for the options of output voltages whose commercial part numbers are shown in the order codes.

Features
• Very low-dropout voltage (0.45 V)
• Very low quiescent current (typ. 50 µA in OFF mode, 500 µA in ON mode)
• Output current up to 500 mA
• Logic-controlled electronic shutdown
• Output voltages of 1.5; 1.8; 2.5; 3.3; 4.7; 5; 6; 8; 8.5; 9; 12 V
• Automotive grade product: 1.8 V, 2.5 V, 3.3 V, 5.0 V, 8.0 V, 8.5 V VOUT in DPAK and PPAK packages
• Internal current and thermal limit
• Only 2.2 µF for stability
• Available in ±1% (AB), ±1.5% (AC) or ±2% (C) selection at 25 °C
• Supply voltage rejection: 80 db (typ.)
• Temperature range: from -40 to 125 °C




Similar Part No. - LFXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LFXX STMICROELECTRONICS-LFXX Datasheet
2Mb / 53P
Very low drop voltage regulator with inhibit function
22-May-2017
LFXXAB STMICROELECTRONICS-LFXXAB Datasheet
1,016Kb / 45P
Very low drop voltage regulators with inhibit
26-Jul-2007
LFXXAB STMICROELECTRONICS-LFXXAB Datasheet
1Mb / 49P
Very low drop voltage regulators with inhibit
12-Feb-2008
LFXXAB STMICROELECTRONICS-LFXXAB_08 Datasheet
1Mb / 49P
Very low drop voltage regulators with inhibit
12-Feb-2008
LFXXAB STMICROELECTRONICS-LFXXAB_10 Datasheet
1Mb / 50P
Very low drop voltage regulators with inhibit
05-May-2010
More results


Similar Description - LFXX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1005M LINER-LT1005M Datasheet
784Kb / 12P
Logic Controlled Regulator
LT1035M LINER-LT1035M Datasheet
751Kb / 12P
Logic Controlled Regulator
LT1036M LINER-LT1036M Datasheet
577Kb / 8P
Logic Controlled Regulator?
LT1036 LINER-LT1036_03 Datasheet
200Kb / 12P
Logic Controlled Regulator
LT1036 LINER-LT1036_15 Datasheet
197Kb / 12P
Logic Controlled Regulator
LT1005C LINER-LT1005C_15 Datasheet
1Mb / 12P
LOGIC CONTROLLED REGULATOR
LT1035C LINER-LT1035C_15 Datasheet
1Mb / 12P
LOGIC CONTROLLED REGULATOR
logo
STMicroelectronics
STEVAL-ISB037V1 STMICROELECTRONICS-STEVAL-ISB037V1 Datasheet
213Kb / 4P
Logic controlled electronic shutdown
06-Sep-2016
LD59015 STMICROELECTRONICS-LD59015 Datasheet
577Kb / 17P
Logic-controlled electronic shutdown
24-Apr-2014
LDK130 STMICROELECTRONICS-LDK130 Datasheet
2Mb / 27P
Logic-controlled electronic shutdown
from
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com