Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59015 Datasheet (PDF) - STMicroelectronics

LD59015 Datasheet PDF - STMicroelectronics
Part # LD59015
Download  LD59015 Download
File Size   577.27 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Logic-controlled electronic shutdown

LD59015 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD59015 Datasheet PDF - STMicroelectronics

Part # LD59015
Download  LD59015 Click to download

File Size   577.27 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Logic-controlled electronic shutdown

LD59015 Datasheet (HTML) - STMicroelectronics


LD59015 Product details

Description
The LD59015 provides 150 mA maximum current with an input voltage range from 2.4 V to 5.5 V, and a typical dropout voltage of 150 mV. It is stable with ceramic capacitors. High PSRR, low quiescent current and low noise features make it suitable for low power battery-powered applications. Power supply rejection is 80 dB at low frequency and starts to roll off at 10 kHz. The enable logic control function puts the LD59015 in shutdown mode, allowing a total current consumption lower than 1 µA. The device also includes short-circuit constant current limiting and

Features
■ Input voltage from 2.4 to 5.5 V
■ Very low quiescent current (31 µA typ. at no load, 75 µA typ. at 150 mA load, 1 µA max. in OFF mode)
■ Very low noise (20 µVRMS at VOUT = 1.5 V)
■ Output voltage tolerance: ± 1.8% at 25 °C
■ 150 mA guaranteed output current
■ Wide range of output voltages available on request: 0.8 V to 3.3 V in 100 mV steps
■ Logic-controlled electronic shutdown
■ Compatible with ceramic capacitors
■ Very high PSRR (80 dB @ 100 Hz, 76 @ 10 kHz, 54 @ 100 kHz)
■ Internal current and thermal limit




Similar Part No. - LD59015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD59015C08R STMICROELECTRONICS-LD59015C08R Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
LD59015C12R STMICROELECTRONICS-LD59015C12R Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
LD59015C15R STMICROELECTRONICS-LD59015C15R Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
LD59015C18R STMICROELECTRONICS-LD59015C18R Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
LD59015C25R STMICROELECTRONICS-LD59015C25R Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
More results


Similar Description - LD59015

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1005M LINER-LT1005M Datasheet
784Kb / 12P
Logic Controlled Regulator
LT1035M LINER-LT1035M Datasheet
751Kb / 12P
Logic Controlled Regulator
LT1036M LINER-LT1036M Datasheet
577Kb / 8P
Logic Controlled Regulator?
LT1036 LINER-LT1036_03 Datasheet
200Kb / 12P
Logic Controlled Regulator
LT1036 LINER-LT1036_15 Datasheet
197Kb / 12P
Logic Controlled Regulator
LT1005C LINER-LT1005C_15 Datasheet
1Mb / 12P
LOGIC CONTROLLED REGULATOR
LT1035C LINER-LT1035C_15 Datasheet
1Mb / 12P
LOGIC CONTROLLED REGULATOR
logo
STMicroelectronics
STEVAL-ISB037V1 STMICROELECTRONICS-STEVAL-ISB037V1 Datasheet
213Kb / 4P
Logic controlled electronic shutdown
06-Sep-2016
LDK130 STMICROELECTRONICS-LDK130 Datasheet
2Mb / 27P
Logic-controlled electronic shutdown
from
LFXX STMICROELECTRONICS-LFXX Datasheet
1Mb / 54P
Logic-controlled electronic shutdown
27-Jan-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com