Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59015 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD59015
Description  Logic-controlled electronic shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59015 Datasheet(HTML) 1 Page - STMicroelectronics

  LD59015 Datasheet HTML 1Page - STMicroelectronics LD59015 Datasheet HTML 2Page - STMicroelectronics LD59015 Datasheet HTML 3Page - STMicroelectronics LD59015 Datasheet HTML 4Page - STMicroelectronics LD59015 Datasheet HTML 5Page - STMicroelectronics LD59015 Datasheet HTML 6Page - STMicroelectronics LD59015 Datasheet HTML 7Page - STMicroelectronics LD59015 Datasheet HTML 8Page - STMicroelectronics LD59015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
April 2014
DocID17488 Rev 4
1/17
LD59015
150 mA low noise and high PSRR linear voltage regulator
Datasheet
- production data
Features
• Input voltage from 2.4 to 5.5 V
• Very low quiescent current (31 µA typ. at no
load, 75 µA typ. at 150 mA load, 1 µA max. in
OFF mode)
• Very low noise (20 µVRMS at VOUT = 1.5 V)
• Output voltage tolerance: ± 1.8% at 25 °C
• 150 mA guaranteed output current
• Wide range of output voltages available on
request: 0.8 V to 3.3 V in 100 mV steps
• Logic-controlled electronic shutdown
• Compatible with ceramic capacitors
• Very high PSRR (80 dB @ 100 Hz, 76 @
10 kHz, 54 @ 100 kHz)
• Internal current and thermal limit
• Package: SOT323-5L
• Temperature range: -40 °C to 125 °C
Description
The LD59015 provides 150 mA maximum current
with an input voltage range from 2.4 V to 5.5 V,
and a typical dropout voltage of 150 mV. It is
stable with ceramic capacitors. High PSRR, low
quiescent current and low noise features make it
suitable for low power battery-powered
applications. Power supply rejection is 80 dB at
low frequency and starts to roll off at 10 kHz. The
enable logic control function puts the LD59015 in
shutdown mode, allowing a total current
consumption lower than 1 µA. The device also
includes short-circuit constant current limiting and
thermal protection. Typical applications are
mobile phones, personal digital assistants
(PDAs), cordless phones and similar battery-
powered systems.
SOT323-5L
Table 1. Device summary
Order codes
Output voltages
LD59015C08R
0.8 V
LD59015C12R
1.2 V
LD59015C15R
1.5 V
LD59015C18R
1.8 V
LD59015C25R
2.5 V
LD59015C30R
3.0 V
LD59015C33R
3.3 V
www.st.com


Similar Part No. - LD59015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD59015C08R STMICROELECTRONICS-LD59015C08R Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
LD59015C12R STMICROELECTRONICS-LD59015C12R Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
LD59015C15R STMICROELECTRONICS-LD59015C15R Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
LD59015C18R STMICROELECTRONICS-LD59015C18R Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
LD59015C25R STMICROELECTRONICS-LD59015C25R Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
More results

Similar Description - LD59015

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1005M LINER-LT1005M Datasheet
784Kb / 12P
Logic Controlled Regulator
LT1035M LINER-LT1035M Datasheet
751Kb / 12P
Logic Controlled Regulator
LT1036M LINER-LT1036M Datasheet
577Kb / 8P
Logic Controlled Regulator?
LT1036 LINER-LT1036_03 Datasheet
200Kb / 12P
Logic Controlled Regulator
LT1036 LINER-LT1036_15 Datasheet
197Kb / 12P
Logic Controlled Regulator
LT1005C LINER-LT1005C_15 Datasheet
1Mb / 12P
LOGIC CONTROLLED REGULATOR
LT1035C LINER-LT1035C_15 Datasheet
1Mb / 12P
LOGIC CONTROLLED REGULATOR
logo
STMicroelectronics
STEVAL-ISB037V1 STMICROELECTRONICS-STEVAL-ISB037V1 Datasheet
213Kb / 4P
Logic controlled electronic shutdown
06-Sep-2016
LDK130 STMICROELECTRONICS-LDK130 Datasheet
2Mb / 27P
Logic-controlled electronic shutdown
from
LFXX STMICROELECTRONICS-LFXX Datasheet
1Mb / 54P
Logic-controlled electronic shutdown
27-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com