Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59015 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD59015
Description  Logic-controlled electronic shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59015 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD59015 Datasheet HTML 3Page - STMicroelectronics LD59015 Datasheet HTML 4Page - STMicroelectronics LD59015 Datasheet HTML 5Page - STMicroelectronics LD59015 Datasheet HTML 6Page - STMicroelectronics LD59015 Datasheet HTML 7Page - STMicroelectronics LD59015 Datasheet HTML 8Page - STMicroelectronics LD59015 Datasheet HTML 9Page - STMicroelectronics LD59015 Datasheet HTML 10Page - STMicroelectronics LD59015 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID17488 Rev 4
7/17
LD59015
Electrical characteristics
17
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 5. Electrical characteristics (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
2.4
5.5
V
VUVLO
Turn-on threshold
2.0
2.15
Turn-off threshold
1.90
1.95
VOUT
VOUT accuracy
IOUT = 1mA, -40°C < TJ < 125°C
-1.8
1.8
%
ΔVOUT Static line regulation
VOUT +1V ≤ VIN ≤ 5.5V, IOUT = 1mA
0.001
%/V
ΔVOUT Static load regulation
IOUT = 1mA to 150mA
0.001
%/mA
VDROP Dropout voltage
(2)
IOUT = 150mA, VOUT > 2.2V
-40°C < TJ < 125°C
150
210
mV
eN
Output noise voltage
10Hz to 100kHz, IOUT = 10mA,
VOUT = 1.5V
20
µVRMS
/VOUT
SVR
Supply voltage rejection
VOUT = 1.5V
VIN = VOUTNOM + 1V +/-VRIPPLE
VRIPPLE = 0.5V, frequency = 1kHz
IOUT = 1mA
76
dB
VIN = VOUTNOM + 1V +/-VRIPPLE
VRIPPLE = 0.5V, frequency =10kHz
IOUT = 1mA
76
VIN = VOUTNOM + 1V +/-VRIPPLE
VRIPPLE = 0.5V, frequency =100kHz
IOUT = 1mA
54
IQ
Quiescent current
IOUT = 0mA
31
µA
IOUT = 0mA, -40°C < TJ < 125°C
60
IOUT = 0 to 150mA
75
IOUT = 0 to 150mA
-40°C < TJ< 125°C
110
VIN input current in OFF mode:
VEN = GND
0.001
1
ISC
Short-circuit current
RL = 0
200
mA
VEN
Enable input logic low
VIN = 2.4V to 5.5V,
-40°C < TJ < 85°C
0.4
V
Enable input logic high
VIN = 2.4V to 5.5V,
-40°C < TJ < 85°C
0.9
V
IEN
Enable pin input current
VSHDN = 5.5V
0.1
100
nA
TON
Turn-on time (3)
200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com