Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59015 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD59015
Description  Logic-controlled electronic shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59015 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD59015 Datasheet HTML 5Page - STMicroelectronics LD59015 Datasheet HTML 6Page - STMicroelectronics LD59015 Datasheet HTML 7Page - STMicroelectronics LD59015 Datasheet HTML 8Page - STMicroelectronics LD59015 Datasheet HTML 9Page - STMicroelectronics LD59015 Datasheet HTML 10Page - STMicroelectronics LD59015 Datasheet HTML 11Page - STMicroelectronics LD59015 Datasheet HTML 12Page - STMicroelectronics LD59015 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID17488 Rev 4
9/17
LD59015
Typical performance characteristics
17
6
Typical performance characteristics
CIN = COUT = 1 µF
Figure 4. VOUT vs. temperature (VOUT = 0.8 V)
Figure 5. VOUT vs. temperature (VOUT = 3.3 V)
Figure 6. Quiescent current vs. temperature
Figure 7. Quiescent current vs. IOUT
Figure 8. VOUT vs. VIN
Figure 9. VDROP vs. IOUT
V
IN = VEN = 4.3 V, IOUT = 1 mA, VOUT = 3.3 V
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
-75
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = VEN = 4.3 V, IOUT = 1 mA, VOUT = 3.3 V
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
-75
-50
-25
0
25
50
75
100
125
150
T [°C]
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
0
20
40
60
80
100
120
140
160
I
OUT [mA]
-40°C
125°C
25°C
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
0
20
40
60
80
100
120
140
160
I
OUT [mA]
-40°C
125°C
25°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
00.5 11.5 22.5 33.5 4 4.5 55.5 6
V
IN [V]
150 ºC
125 ºC
85 ºC
55 ºC
25 ºC
0 ºC
-25 ºC
-40 ºC
-55 ºC
V
IN = VEN = from 0 to 5.5 V, IOUT = 150 mA,
V
OUT = 8 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
00.5 11.5 22.5 33.5 4 4.5 55.5 6
V
IN [V]
150 ºC
125 ºC
85 ºC
55 ºC
25 ºC
0 ºC
-25 ºC
-40 ºC
-55 ºC
V
IN = VEN = from 0 to 5.5 V, IOUT = 150 mA,
V
OUT = 8 V
V
IN = VEN, IOUT = from 0 to 150 mA, VOUT = 3.3 V
0
50
100
150
200
250
0
25
50
75
100
125
150
175
I
OUT [mA]
125 ºC
-40 ºC
25 ºC
V
IN = VEN, IOUT = from 0 to 150 mA, VOUT = 3.3 V
0
50
100
150
200
250
0
25
50
75
100
125
150
175
I
OUT [mA]
125 ºC
-40 ºC
25 ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com