Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP9L Datasheet (PDF) - STMicroelectronics

LNBP9L Datasheet PDF - STMicroelectronics
Part # LNBP9L
Download  LNBP9L Download
File Size   423.34 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500 mA guaranteed output current

LNBP9L Datasheet (PDF)

Go To PDF Page Download Datasheet
LNBP9L Datasheet PDF - STMicroelectronics

Part # LNBP9L
Download  LNBP9L Click to download

File Size   423.34 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500 mA guaranteed output current

LNBP9L Datasheet (HTML) - STMicroelectronics


LNBP9L Product details

Description
Intended for analog and digital satellite receivers, the LNBP is a monolithic linear voltage regulator, assembled in the DFN8 5x6 and IPPAK packages, specifically designed to provide the powering voltages and the interfacing signals to the LNB down-converter. The regulator output can be logic controlled for 13 V or 18 V (typ.) by means of the EN/VSEL 3-state pin for remotely controlling the LNB. When the IC is powered and put in standby (EN/VSEL pin at high impedance), the regulator output is disabled. In order to reduce power dissipation, the LNBP10L/11L versions (on DFN

Features
■ Simplest integrated solution for LNB remote supply and control
■ 500 mA guaranteed output current
■ Dual input supply for reducing power dissipation (DFN package)
■ 3-state function to enable/disable and select the output voltage level through a single pin
■ Fast oscillator startup for DiSEq™ encoding (LNBP9L/11L versions)
■ External 22 kHz modulation input pin (LNBP8L/10L versions)
■ Cable length compensation, LLC pin (LNBP10L, LNBP11L versions)
■ Short-circuit and over-temperature protection
■ LNB overload and short-circuit dynamic protection (LNBP10L, LNBP11L versions)
■ Available in DFN8 (5 x 6 mm) and IPPAK




Similar Part No. - LNBP9L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBP9 STMICROELECTRONICS-LNBP9 Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
LNBP9 STMICROELECTRONICS-LNBP9 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
LNBP9K7 STMICROELECTRONICS-LNBP9K7 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
LNBP9K7-R STMICROELECTRONICS-LNBP9K7-R Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
LNBP9V7V STMICROELECTRONICS-LNBP9V7V Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
More results


Similar Description - LNBP9L

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
Guaranteed 600mA Output Current
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
3A Guaranteed Output Current
logo
Texas Instruments
LP2989IM-3.3 TI-LP2989IM-3.3 Datasheet
1Mb / 19P
Ultra low dropout voltage, Guaranteed 500 mA continuous output current
logo
Advanced Power Electron...
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
Guaranteed 600mA Output Current
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
Output current 24 mA
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
Guaranteed Output Current of 2A
logo
STMicroelectronics
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
150 mA guaranteed output current
16-Jan-2014
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
150 mA guaranteed output current
14-Jan-2015
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
Guaranteed 30mA Output
1992
logo
Texas Instruments
THS3491 TI-THS3491_V01 Datasheet
3Mb / 53P
THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com