Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P44L3 Datasheet (PDF) - STMicroelectronics

SPC560P44L3 Datasheet PDF - STMicroelectronics
Part # SPC560P44L3
Download  SPC560P44L3 Download
File Size   988.28 Kbytes
Page   112 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fail safe protection

SPC560P44L3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC560P44L3 Datasheet PDF - STMicroelectronics

Part # SPC560P44L3
Download  SPC560P44L3 Click to download

File Size   988.28 Kbytes
Page   112 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fail safe protection

SPC560P44L3 Datasheet (HTML) - STMicroelectronics


SPC560P44L3 Product details

Features
■ 64 MHz, single issue, 32-bit CPU core complex (e200z0h) – Compliant with Power Architecture® embedded category – Variable Length Encoding (VLE)
■ Memory organization – Up to 512 KB on-chip code flash memory with ECC and erase/program controller – Additional 64 (4 × 16) KB on-chip data flash memory with ECC for EEPROM emulation – Up to 40 KB on-chip SRAM with ECC
■ Fail safe protection – Programmable watchdog timer – Non-maskable interrupt – Fault collection unit
■ Nexus L2+ interface
■ Interrupts – 16-channel eDMA controller – 16 priority level controller
■ General purpose I/Os individually programmable as input, output or special function
■ 2 general purpose eTimer units – 6 timers each with up/down count capabilities – 16-bit resolution, cascadable counters – Quadrature decode with rotation direction flag – Double buffer input capture and output compare
■ Communications interfaces – 2 LINFlex channels (LIN 2.1) – 4 DSPI channels with automatic chip select generation – 1 FlexCAN interface (2.0B Active) with 32 message objects – 1 safety port based on FlexCAN with 32 message objects and up to 7.5 Mbit/s capability; usable as second CAN when not used as safety port – 1 FlexRay™ module (V2.1) with selectable dual or single channel support, 32 message objects and up to 10 Mbit/s (512 KB device only)
■ Two 10-bit analog-to-digital converters (ADC) – 2 × 11 input channels, + 4 shared channels – Conversion time < 1 µs including sampling time at full precision – Programmable ADC Cross Triggering Unit (CTU) – 4 analog watchdogs with interrupt capability
■ On-chip CAN/UART bootstrap loader with Boot Assist Module (BAM)
■ 1 FlexPWM unit: 8 complementary or independent outputs with ADC synchronization signals




Similar Part No. - SPC560P44L3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560P40L1 STMICROELECTRONICS-SPC560P40L1 Datasheet
830Kb / 103P
Programmable watchdog timer
18-Sep-2013
SPC560P40L3 STMICROELECTRONICS-SPC560P40L3 Datasheet
830Kb / 103P
Programmable watchdog timer
18-Sep-2013
More results


Similar Description - SPC560P44L3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6808B ATMEL-U6808B Datasheet
173Kb / 12P
Special Fail-safe IC
U6808B ATMEL-U6808B_05 Datasheet
266Kb / 14P
Specia Fail-safe IC
logo
STMicroelectronics
SN75276 STMICROELECTRONICS-SN75276 Datasheet
303Kb / 16P
FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
30-Mar-2005
logo
NXP Semiconductors
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
LIN fail-safe system basis chip
Rev. 03-10 September 2007
logo
IC-Haus GmbH
IC-NZ ICHAUS-IC-NZ Datasheet
518Kb / 20P
FAIL-SAFE LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
NZQFN28 ROITHNER-NZQFN28 Datasheet
518Kb / 20P
FAIL-SAFE LASER DIODE DRIVER
logo
STMicroelectronics
AN1690 STMICROELECTRONICS-AN1690 Datasheet
275Kb / 15P
Fail-safe biasing for ST485EB
02-Oct-2007
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
Fail-Safe Bypass Feature
logo
Unisonic Technologies
UTRS485 UTC-UTRS485 Datasheet
236Kb / 8P
FAIL-SAFE, 2.5MBPS RS-485 TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX20446EVKIT MAXIM-MAX20446EVKIT Datasheet
112Kb / 2P
Demonstrates Fail-Safe Operation
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com