Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100XC Datasheet (PDF) - STMicroelectronics

STM32F100XC Datasheet PDF - STMicroelectronics
Part # STM32F100XC
Download  STM32F100XC Download
File Size   1964.91 Kbytes
Page   106 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Clock, reset and supply management

STM32F100XC Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F100XC Datasheet PDF - STMicroelectronics

Part # STM32F100XC
Download  STM32F100XC Click to download

File Size   1964.91 Kbytes
Page   106 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Clock, reset and supply management

STM32F100XC Datasheet (HTML) - STMicroelectronics


STM32F100XC Product details

Description
The STM32F100xx value line family incorporates the high-performance ARM Cortex™-M3 32-bit RISC core operating at a 24 MHz frequency, high-speed embedded memories (Flash memory up to 512 Kbytes and SRAM up to 32 Kbytes), a flexible static memory control (FSMC) interface (for devices offered in packages of 100 pins and more) and an extensive range of enhanced peripherals and I/Os connected to two APB buses. All devices offer standard communication interfaces (up to two I2Cs, three SPIs, one HDMI CEC, up to three USARTs and 2 UARTS), one 12-bit ADC, two 12-bit DACs, up to 9 general-purpose 16-bit timers and an advanced-control PWM timer.
The STM32F100xx high-density value line family operates in the –40 to +85 °C and –40 to +105 °C temperature ranges, from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving mode allows the design of low-power applications.
The STM32F100xx value line family includes devices in three different packages ranging from 64 pins to 144 pins. Depending on the device chosen, different sets of peripherals are included, the description below gives an overview of the complete range of peripherals proposed in this family.
These features make the STM32F100xx value line microcontroller family suitable for a wide range of applications such as motor drives, application control, medical and handheld equipment, PC and gaming peripherals, GPS platforms, industrial applications, PLCs, inverters, printers, scanners, alarm systems, video intercoms, and HVACs.

Features
■ Core: ARM 32-bit Cortex™-M3 CPU
   – 24 MHz maximum frequency, 1.25 DMIPS /MHz (Dhrystone 2.1) performance
   – Single-cycle multiplication and hardware division
■ Memories
   – 256 to 512 Kbytes of Flash memory
   – 24 to 32 Kbytes of SRAM
   – Flexible static memory controller with 4 Chip Selects. Supports SRAM, PSRAM and NOR memories
   – LCD parallel interface, 8080/6800 modes
■ Clock, reset and supply management
   – 2.0 to 3.6 V application supply and I/Os
   – POR, PDR and programmable voltage detector (PVD)
   – 4-to-24 MHz crystal oscillator
   – Internal 8 MHz factory-trimmed RC
   – Internal 40 kHz RC
   – PLL for CPU clock
   – 32 kHz oscillator for RTC with calibration
■ Low power
   – Sleep, Stop and Standby modes
   – VBAT supply for RTC and backup registers
■ Serial wire debug (SWD) and JTAG I/F
■ DMA
   – 12-channel DMA controller
   – Peripherals supported: timers, ADC, SPIs, I2Cs, USARTs and DACs
■ 1 × 12-bit, 1.2 µs A/D converter (up to 16 ch.)
   – Conversion range: 0 to 3.6 V
   – Temperature sensor
■ 2 × 12-bit D/A converters
■ Up to 112 fast I/O ports
   – 51/80/112 I/Os, all mappable on 16 external interrupt vectors and almost all 5 V-tolerant
■ Up to 16 timers
   – Up to seven 16-bit timers, each with up to 4 IC/OC/PWM or pulse counter
   – One 16-bit, 6-channel advanced-control timer: up to 6 channels for PWM output, dead time generation and emergency stop
   – One 16-bit timer, with 2 IC/OC, 1 OCN/PWM, dead-time generation and emergency stop
   – Two 16-bit timers, each with IC/OC/OCN/PWM, dead-time generation and emergency stop
   – Two watchdog timers
   – SysTick timer: 24-bit downcounter
   – Two 16-bit basic timers to drive the DAC
■ Up to 11 communications interfaces
   – Up to two I2C interfaces (SMBus/PMBus)
   – Up to 3 USARTs (ISO 7816 interface, LIN, IrDA capability, modem control)
   – Up to 2 UARTs
   – Up to 3 SPIs (12 Mbit/s)
   – Consumer electronics control (CEC) I/F
■ CRC calculation unit, 96-bit unique ID




Similar Part No. - STM32F100XC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100X4 STMICROELECTRONICS-STM32F100X4 Datasheet
1Mb / 84P
Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
26-Feb-2010
STM32F100x6 STMICROELECTRONICS-STM32F100x6 Datasheet
1Mb / 84P
Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
26-Feb-2010
STM32F100x8 STMICROELECTRONICS-STM32F100x8 Datasheet
1Mb / 84P
Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
26-Feb-2010
STM32F100xB STMICROELECTRONICS-STM32F100xB Datasheet
1Mb / 84P
Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
26-Feb-2010
More results


Similar Description - STM32F100XC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
Clock, reset and supply management
07-Dec-2012
STM32F103RCT6 STMICROELECTRONICS-STM32F103RCT6 Datasheet
1Mb / 130P
Clock, reset and supply management
19-Apr-2011
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
Clock, reset and supply management
12-Jul-2007
ST72361XX STMICROELECTRONICS-ST72361XX Datasheet
2Mb / 279P
Clock, reset and supply management
02-Aug-2010
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
Clock, reset and supply management
03-Jan-2011
STM32F215XX STMICROELECTRONICS-STM32F215XX Datasheet
2Mb / 180P
Clock, reset and supply management
16-Aug-2016
STM32F401XD STMICROELECTRONICS-STM32F401XD Datasheet
2Mb / 135P
Clock, reset and supply management
22-Jan-2015
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
Clock, reset and supply management
04-Apr-2017
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com