Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053C6 Datasheet (PDF) - STMicroelectronics

STM32L053C6 Datasheet PDF - STMicroelectronics
Part # STM32L053C6
Download  STM32L053C6 Download
File Size   1873.79 Kbytes
Page   132 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and supply management

STM32L053C6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32L053C6 Datasheet PDF - STMicroelectronics

Part # STM32L053C6
Download  STM32L053C6 Click to download

File Size   1873.79 Kbytes
Page   132 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and supply management

STM32L053C6 Datasheet (HTML) - STMicroelectronics


STM32L053C6 Product details

Features
■ Ultra-low-power platform – 1.65 V to 3.6 V power supply – -40 to 125 °C temperature range – 0.27 µA Standby mode (2 wakeup pins) – 0.4 µA Stop mode (16 wakeup lines) – 0.8 µA Stop mode + RTC + 8 KB RAM retention – 88 µA/MHz in Run mode – 3.5 µs wakeup time (from RAM) – 5 µs wakeup time (from Flash memory)
■ Core: ARM® 32-bit Cortex®-M0+ with MPU – From 32 kHz up to 32 MHz max. – 0.95 DMIPS/MHz
■ Reset and supply management – Ultra-safe, low-power BOR (brownout reset) with 5 selectable thresholds – Ultra-low-power POR/PDR – Programmable voltage detector (PVD)
■ Clock sources – 1 to 25 MHz crystal oscillator – 32 kHz oscillator for RTC with calibration – High speed internal 16 MHz factory-trimmed RC (+/- 1%) – Internal low-power 37 kHz RC – Internal multispeed low-power 65 kHz to 4.2 MHz RC – PLL for CPU clock
■ Pre-programmed bootloader – USART, SPI supported
■ Development support – Serial wire debug supported
■ Up to 51 fast I/Os (45 I/Os 5V tolerant)
■ Memories – Up to 64 KB Flash memory with ECC – 8KB RAM – 2 KB of data EEPROM with ECC – 20-byte backup register – Sector protection against R/W operation
■ LCD driver for up to 8×28segments – Support contrast adjustment – Support blinking mode – Step-up converted on board
■ Rich Analog peripherals – 12-bit ADC 1.14 Msps up to 16 channels (down to 1.65 V) – 12-bit 1 channel DAC with output buffers (down to 1.8 V) – 2x ultra-low-power comparators (window mode and wake up capability, down to 1.65 V)
■ Up to 24 capacitive sensing channels supporting touchkey, linear and rotary touch sensors
■ 7-channel DMA controller, supporting ADC, SPI, I2C, USART, DAC, Timers
■ 8x peripheral communication interfaces – 1x USB 2.0 crystal-less, battery charging detection and LPM – 2x USART (ISO 7816, IrDA), 1x UART (low power) – Up to 4x SPI 16 Mbits/s – 2x I2C (SMBus/PMBus)
■ 9x timers: 1x 16-bit with up to 4 channels, 2x 16-bit with up to 2 channels, 1x 16-bit ultra-low-power timer, 1x SysTick, 1x RTC, 1x 16-bit basic for DAC, and 2x watchdogs (independent/window)
■ CRC calculation unit, 96-bit unique ID
■ True RNG and firewall protection
■ All packages are ECOPACK®2 LQFP64 10x10 mm LQFP48 7x7 mm TFBGA64 5x5 mm )%*$




Similar Part No. - STM32L053C6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 136P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
June 2019
STM32L053C6 STMICROELECTRONICS-STM32L053C6_V01 Datasheet
1Mb / 136P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
June 2019
More results


Similar Description - STM32L053C6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
Clock, reset and supply management
07-Dec-2012
STM32F303RD STMICROELECTRONICS-STM32F303RD Datasheet
2Mb / 184P
Reset and supply management
08-Dec-2015
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
Clock, reset and supply management
12-Jul-2007
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
Clock, reset and supply management
03-Jan-2011
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
1Mb / 122P
Reset and supply management
12-May-2017
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
Clock, reset and supply management
29-Mar-2016
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
Clock, reset and supply management
04-Apr-2017
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L100RC STMICROELECTRONICS-STM32L100RC Datasheet
1Mb / 104P
Reset and supply management
09-Mar-2015
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
Reset and supply management
25-Apr-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com