Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303RD Datasheet (PDF) - STMicroelectronics

STM32F303RD Datasheet PDF - STMicroelectronics
Part # STM32F303RD
Download  STM32F303RD Download
File Size   2382.98 Kbytes
Page   184 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and supply management

STM32F303RD Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F303RD Datasheet PDF - STMicroelectronics

Part # STM32F303RD
Download  STM32F303RD Click to download

File Size   2382.98 Kbytes
Page   184 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and supply management

STM32F303RD Datasheet (HTML) - STMicroelectronics


STM32F303RD Product details

Features
■ Core: ARM® Cortex® -M4 32-bit CPU with 72 MHz FPU, single-cycle multiplication and HW division, 90 DMIPS (from CCM), DSP instruction and MPU (memory protection unit)
■ Operating conditions: – VDD, VDDA voltage range: 2.0 V to 3.6 V
■ Memories – Up to 512 Kbytes of Flash memory – 64 Kbytes of SRAM, with HW parity check implemented on the first 32 Kbytes. – Routine booster: 16 Kbytes of SRAM on instruction and data bus, with HW parity check (CCM) – Flexible memory controller (FSMC) for static memories, with four Chip Select
■ CRC calculation unit
■ Reset and supply management – Power-on/Power-down reset (POR/PDR) – Programmable voltage detector (PVD) – Low power modes: Sleep, Stop and Standby – VBAT supply for RTC and backup registers
■ Clock management – 4 to 32 MHz crystal oscillator – 32 kHz oscillator for RTC with calibration – Internal 8 MHz RC with x 16 PLL option – Internal 40 kHz oscillator
■ Up to 115 fast I/Os – All mappable on external interrupt vectors – Several 5 V-tolerant
■ Interconnect matrix
■ 12-channel DMA controller
■ Four ADCs 0.20 µs (up to 40 channels) with selectable resolution of 12/10/8/6 bits, 0 to 3.6 V conversion range, separate analog supply from 2.0 to 3.6 V
■ Two 12-bit DAC channels with analog supply from 2.4 to 3.6 V
■ Seven ultra-fast rail-to-rail analog comparators with analog supply from 2.0 to 3.6 V
■ Four operational amplifiers that can be used in PGA mode, all terminals accessible with analog supply from 2.4 to 3.6 V
■ Up to 24 capacitive sensing channels supporting touchkey, linear and rotary touch sensors
■ Up to 14 timers – One 32-bit timer and two 16-bit timers with up to four IC/OC/PWM or pulse counter and quadrature (incremental) encoder input – Three 16-bit 6-channel advanced-control timers, with up to six PWM channels, deadtime generation and emergency stop – One 16-bit timer with two IC/OCs, one OCN/PWM, deadtime generation and emergency stop – Two 16-bit timers with IC/OC/OCN/PWM, deadtime generation and emergency stop – Two watchdog timers (independent, window) – One SysTick timer: 24-bit downcounter – Two 16-bit basic timers to drive the DAC
■ Calendar RTC with Alarm, periodic wakeup from Stop/Standby
■ Communication interfaces – CAN interface (2.0B Active) – Three I2C Fast mode plus (1 Mbit/s) with 20 mA current sink, SMBus/PMBus, wakeup from STOP – Up to five USART/UARTs (ISO 7816 interface, LIN, IrDA, modem control) – Up to four SPIs, 4 to 16 programmable bit frames, two with multiplexed half/full duplex I2S interface – USB 2.0 full speed interface with LPM support – Infrared transmitter
■ SWD, Cortex® -M4 with FPU ETM, JTAG
■ 96-bit unique ID




Similar Part No. - STM32F303RD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F303RD STMICROELECTRONICS-STM32F303RD Datasheet
2Mb / 173P
ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
21-Oct-2016
More results


Similar Description - STM32F303RD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
Clock, reset and supply management
07-Dec-2012
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
Clock, reset and supply management
12-Jul-2007
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
Clock, reset and supply management
03-Jan-2011
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
1Mb / 122P
Reset and supply management
12-May-2017
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
Clock, reset and supply management
29-Mar-2016
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
Clock, reset and supply management
04-Apr-2017
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
STM32L100RC STMICROELECTRONICS-STM32L100RC Datasheet
1Mb / 104P
Reset and supply management
09-Mar-2015
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
Reset and supply management
25-Apr-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com