Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F328C8 Datasheet (PDF) - STMicroelectronics

STM32F328C8 Datasheet PDF - STMicroelectronics
Part # STM32F328C8
Download  STM32F328C8 Download
File Size   1568.67 Kbytes
Page   109 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CRC calculation unit

STM32F328C8 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F328C8 Datasheet PDF - STMicroelectronics

Part # STM32F328C8
Download  STM32F328C8 Click to download

File Size   1568.67 Kbytes
Page   109 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CRC calculation unit

STM32F328C8 Datasheet (HTML) - STMicroelectronics


STM32F328C8 Product details

Features
■ Core: ARM®-32-bit Cortex®-M4 CPU with FPU (72 MHz max), single-cycle multiplication and HW division, and DSP instruction
■ Memories – Up to 64 KB of Flash memory – 12 KB of SRAM with HW parity check – Routine booster: 4 KB of SRAM on instruction and data bus with HW parity check (CCM)
■ CRC calculation unit
■ Reset and supply management – VDD: 1.8 V +/-8% – VDDA: voltage range: 1.65 to 3.6 V – Low-power modes: Sleep, Stop – VBAT supply for RTC and backup registers
■ Clock management – 4 to 32 MHz crystal oscillator – 32 kHz oscillator for RTC with calibration – Internal 8 MHz RC (up to 64 MHz with PLL option) – Internal 40 kHz oscillator
■ Up to 36 fast I/O ports, all mappable on external interrupt vectors, several 5 V-tolerant
■ Interconnect Matrix
■ 7-channel DMA controller
■ Up to two ADC 0.20 µs (up to 14 channels) with selectable resolution of 12/10/8/6 bits, 0 to 3.6 V conversion range, single- ended/differential mode, separate analog supply from 1.8 to 3.6 V
■ Temperature sensor
■ Up to three 12-bit DAC channels with analog supply from 2.4 V to 3.6 V
■ Three ultra-fast rail-to-rail analog comparators with analog supply from 1.8 V to 3.6 V
■ One operational amplifiers that can be used in PGA mode, all terminals accessible with analog supply from 2.4 to 3.6 V
■ Up to 17 capacitive sensing channels supporting touchkeys, linear and rotary touch sensors
■ Up to 11 timers – One 32-bit timer and one 16-bit timer with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input – One 16-bit 6-channel advanced-control timer, with up to 6 PWM channels, deadtime generation and emergency stop – One 16-bit timer with 2 IC/OCs, 1 OCN/PWM, deadtime generation, emergency stop – Two 16-bit timers with IC/OC/OCN/PWM, deadtime generation and emergency stop – Two watchdog timers (independent, window) – SysTick timer: 24-bit downcounter – Up to two 16-bit basic timers to drive the DAC
■ Calendar RTC with alarm, periodic wakeup from Stop
■ Communication interfaces – CAN interface (2.0 B Active) – One I2C with 20 mA current sink to support Fast mode plus, SMBus/PMBus – Up to 3 USARTs, one with ISO/IEC 7816 interface, LIN, IrDA, modem control – One SPI
■ Debug mode: serial wire debug (SWD), JTAG
■ 96-bit unique ID
■ All packages ECOPACK® 2 LQFP48 (7 × 7 mm)




Similar Part No. - STM32F328C8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F3 STMICROELECTRONICS-STM32F3 Datasheet
2Mb / 16P
Mainstream 32-bit MCUs Releasing your creativity
Sep-2017
STM32F301C6 STMICROELECTRONICS-STM32F301C6 Datasheet
1Mb / 135P
ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
22-Jul-2016
STM32F301C6 STMICROELECTRONICS-STM32F301C6 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
STM32F301C6T6 STMICROELECTRONICS-STM32F301C6T6 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
STM32F301C6T6TR STMICROELECTRONICS-STM32F301C6T6TR Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
More results


Similar Description - STM32F328C8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F401 FAIRCHILD-74F401 Datasheet
60Kb / 7P
CRC Generator/Checker
AN-6006 FAIRCHILD-AN-6006 Datasheet
70Kb / 4P
FAN5068 Component calculation and simulation tools
AN-9050 FAIRCHILD-AN-9050 Datasheet
229Kb / 7P
Power Loss Calculation
logo
STMicroelectronics
AN1623 STMICROELECTRONICS-AN1623 Datasheet
78Kb / 6P
REGULATION LOOPS PRECISION CALCULATION
Nov-2002
AN575 STMICROELECTRONICS-AN575 Datasheet
56Kb / 5P
CALCULATION OF TRANSIL APPARENT DYNAMIC RESISTANCE
13-May-2004
AN2986 STMICROELECTRONICS-AN2986 Datasheet
343Kb / 18P
This document focuses on the calculation
15-Jul-2009
STM32F048C6 STMICROELECTRONICS-STM32F048C6 Datasheet
1Mb / 98P
CRC calculation unit
10-Jan-2017
STM32F078CB STMICROELECTRONICS-STM32F078CB Datasheet
1Mb / 120P
CRC calculation unit
10-Jan-2017
STM32F302XD STMICROELECTRONICS-STM32F302XD Datasheet
2Mb / 168P
CRC calculation unit
October 2016 Rev 4
STM32F398VE STMICROELECTRONICS-STM32F398VE Datasheet
1Mb / 151P
CRC calculation unit
09-Jul-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com