Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F328C8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F328C8
Description  CRC calculation unit
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F328C8 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F328C8 Datasheet HTML 1Page - STMicroelectronics STM32F328C8 Datasheet HTML 2Page - STMicroelectronics STM32F328C8 Datasheet HTML 3Page - STMicroelectronics STM32F328C8 Datasheet HTML 4Page - STMicroelectronics STM32F328C8 Datasheet HTML 5Page - STMicroelectronics STM32F328C8 Datasheet HTML 6Page - STMicroelectronics STM32F328C8 Datasheet HTML 7Page - STMicroelectronics STM32F328C8 Datasheet HTML 8Page - STMicroelectronics STM32F328C8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
This is information on a product in full production.
January 2015
DocID026351 Rev 3
1/109
STM32F328C8
ARM® Cortex®-M4 32b MCU+FPU, 64KB Flash, 16KB SRAM,
2 ADCs, 3 DAC channels, 3 COMPs, Op-Amp, 1.8 V
Datasheet
−production data
Features
• Core: ARM®-32-bit Cortex®-M4 CPU with FPU
(72 MHz max), single-cycle multiplication and
HW division, and DSP instruction
• Memories
– Up to 64 KB of Flash memory
– 12 KB of SRAM with HW parity check
– Routine booster: 4 KB of SRAM on
instruction and data bus with HW parity
check (CCM)
• CRC calculation unit
• Reset and supply management
–VDD: 1.8 V +/-8%
–VDDA: voltage range: 1.65 to 3.6 V
– Low-power modes: Sleep, Stop
–VBAT supply for RTC and backup registers
• Clock management
– 4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC (up to 64 MHz with PLL
option)
– Internal 40 kHz oscillator
• Up to 36 fast I/O ports, all mappable on
external interrupt vectors, several 5 V-tolerant
• Interconnect Matrix
• 7-channel DMA controller
• Up to two ADC 0.20 µs (up to 14 channels) with
selectable resolution of 12/10/8/6 bits, 0 to
3.6 V conversion range, single-
ended/differential mode, separate analog
supply from 1.8 to 3.6 V
• Temperature sensor
• Up to three 12-bit DAC channels with analog
supply from 2.4 V to 3.6 V
• Three ultra-fast rail-to-rail analog comparators
with analog supply from 1.8 V to 3.6 V
• One operational amplifiers that can be used in
PGA mode, all terminals accessible with
analog supply from 2.4 to 3.6 V
• Up to 17 capacitive sensing channels
supporting touchkeys, linear and rotary touch
sensors
• Up to 11 timers
– One 32-bit timer and one 16-bit timer with
up to 4 IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
– One 16-bit 6-channel advanced-control
timer, with up to 6 PWM channels,
deadtime generation and emergency stop
– One 16-bit timer with 2 IC/OCs,
1 OCN/PWM, deadtime generation,
emergency stop
– Two 16-bit timers with IC/OC/OCN/PWM,
deadtime generation and emergency stop
– Two watchdog timers (independent,
window)
– SysTick timer: 24-bit downcounter
– Up to two 16-bit basic timers to drive the
DAC
• Calendar RTC with alarm, periodic wakeup
from Stop
• Communication interfaces
– CAN interface (2.0 B Active)
–One I2C with 20 mA current sink to support
Fast mode plus, SMBus/PMBus
– Up to 3 USARTs, one with ISO/IEC 7816
interface, LIN, IrDA, modem control
–One SPI
• Debug mode: serial wire debug (SWD), JTAG
• 96-bit unique ID
• All packages ECOPACK®2
LQFP48 (7 × 7 mm)
www.st.com


Similar Part No. - STM32F328C8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F3 STMICROELECTRONICS-STM32F3 Datasheet
2Mb / 16P
Mainstream 32-bit MCUs Releasing your creativity
Sep-2017
STM32F301C6 STMICROELECTRONICS-STM32F301C6 Datasheet
1Mb / 135P
ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
22-Jul-2016
STM32F301C6 STMICROELECTRONICS-STM32F301C6 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
STM32F301C6T6 STMICROELECTRONICS-STM32F301C6T6 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
STM32F301C6T6TR STMICROELECTRONICS-STM32F301C6T6TR Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
More results

Similar Description - STM32F328C8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F401 FAIRCHILD-74F401 Datasheet
60Kb / 7P
CRC Generator/Checker
AN-6006 FAIRCHILD-AN-6006 Datasheet
70Kb / 4P
FAN5068 Component calculation and simulation tools
AN-9050 FAIRCHILD-AN-9050 Datasheet
229Kb / 7P
Power Loss Calculation
logo
STMicroelectronics
AN1623 STMICROELECTRONICS-AN1623 Datasheet
78Kb / 6P
REGULATION LOOPS PRECISION CALCULATION
Nov-2002
AN575 STMICROELECTRONICS-AN575 Datasheet
56Kb / 5P
CALCULATION OF TRANSIL APPARENT DYNAMIC RESISTANCE
13-May-2004
AN2986 STMICROELECTRONICS-AN2986 Datasheet
343Kb / 18P
This document focuses on the calculation
15-Jul-2009
STM32F048C6 STMICROELECTRONICS-STM32F048C6 Datasheet
1Mb / 98P
CRC calculation unit
10-Jan-2017
STM32F078CB STMICROELECTRONICS-STM32F078CB Datasheet
1Mb / 120P
CRC calculation unit
10-Jan-2017
STM32F302XD STMICROELECTRONICS-STM32F302XD Datasheet
2Mb / 168P
CRC calculation unit
October 2016 Rev 4
STM32F398VE STMICROELECTRONICS-STM32F398VE Datasheet
1Mb / 151P
CRC calculation unit
09-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com