Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F328C8 Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32F328C8
Description  CRC calculation unit
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F328C8 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32F328C8 Datasheet HTML 90Page - STMicroelectronics STM32F328C8 Datasheet HTML 91Page - STMicroelectronics STM32F328C8 Datasheet HTML 92Page - STMicroelectronics STM32F328C8 Datasheet HTML 93Page - STMicroelectronics STM32F328C8 Datasheet HTML 94Page - STMicroelectronics STM32F328C8 Datasheet HTML 95Page - STMicroelectronics STM32F328C8 Datasheet HTML 96Page - STMicroelectronics STM32F328C8 Datasheet HTML 97Page - STMicroelectronics STM32F328C8 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 109 page
background image
Electrical characteristics
STM32F328C8
94/109
DocID026351 Rev 3
6.3.19
DAC electrical specifications
Table 61. DAC characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDDA
Analog supply voltage
DAC output buffer ON
2.4
-
3.6
V
RLOAD(1) Resistive load
DAC output buffer ON
5
-
-
k
Ω
RO(1)
Output impedance
DAC output buffer OFF
-
-
15
k
Ω
CLOAD(1) Capacitive load
DAC output buffer ON
-
-
50
pF
VDAC_OUT(
1)
Voltage on DAC_OUT
output
Corresponds to 12-bit input code
(0x0E0) to (0xF1C) at VDDA = 3.6 V
and (0x155) and (0xEAB) at VDDA =
2.4 V
0.2
-
VDDA – 0.2
V
DAC output buffer OFF
-0.5
-
mV
--
VDDA– 1LSB
V
IDDA(3)
DAC DC current
consumption in quiescent
mode(2)
With no load, middle code (0x800)
on the input
-
-
380
µA
With no load, worst code (0xF1C) on
the input.
-
-
480
µA
DNL(3)
Differential non linearity
Difference between two
consecutive code-1LSB)
Given for a 10-bit input code
DAC1 channel 1
--
±0.5
LSB
Given for a 12-bit input code
DAC1 channel 1
--
±2
LSB
Given for a 10-bit input code
DAC1 channel 2 & DAC2 channel 1
--
-0.75/+0.25 LSB
Given for a 12-bit input code
DAC1 channel 2 & DAC2 channel 1
--
-3/+1
LSB
INL(3)
Integral non linearity
(difference between
measured value at Code i
and the value at Code i on a
line drawn between Code 0
and last Code 4095)
Given for a 10-bit input code
-
-
±1
LSB
Given for a 12-bit input code
-
-
±4
LSB
Offset(3)
Offset error
(difference between
measured value at Code
(0x800) and the ideal value
= VDDA/2)
--
-
±10
mV
Given for a 10-bit input code at
VDDA = 3.6 V
--
±3
LSB
Given for a 12-bit input code
-
-
±12
LSB
Gain
error(3)
Gain error
Given for a 12-bit input code
-
-
±0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com