Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F328C8 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32F328C8
Description  CRC calculation unit
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F328C8 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32F328C8 Datasheet HTML 49Page - STMicroelectronics STM32F328C8 Datasheet HTML 50Page - STMicroelectronics STM32F328C8 Datasheet HTML 51Page - STMicroelectronics STM32F328C8 Datasheet HTML 52Page - STMicroelectronics STM32F328C8 Datasheet HTML 53Page - STMicroelectronics STM32F328C8 Datasheet HTML 54Page - STMicroelectronics STM32F328C8 Datasheet HTML 55Page - STMicroelectronics STM32F328C8 Datasheet HTML 56Page - STMicroelectronics STM32F328C8 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 109 page
background image
DocID026351 Rev 3
53/109
STM32F328C8
Electrical characteristics
100
IDD
Supply
current in
Sleep
mode,
executing
from Flash
or RAM
External
clock (HSE
bypass)
72 MHz 29.2 30.8(2) 32.0
33.4(2)
6.3
6.6(2)
6.9
7.1(2)
mA
64 MHz 26.1
27.5
28.5
29.7
5.6
5.9
6.2
6.4
48 MHz 19.8
20.8
21.6
22.0
4.22
4.48
4.76
4.98
32 MHz 13.3
14.0
14.6
15.0
2.84
3.06
3.33
3.56
24 MHz 10.1
10.6
11.1
11.4
2.18
2.37
2.62
2.83
8 MHz
3.31
3.83
3.88
4.04
0.61
0.79
1.03
1.25
1 MHz
0.43
0.62
0.89
1.03
0.10
0.28
0.50
0.69
Internal
clock (HSI)
64 MHz 23.5
24.8
25.7
26.1
5.3
5.6
6.0
6.1
48 MHz 17.8
18.7
19.5
19.9
4.00
4.27
4.58
4.74
32 MHz 12.0
12.7
13.3
13.6
2.70
2.93
3.23
3.40
24 MHz 9.1
9.6
10.1
10.3
2.08
2.32
2.55
2.72
8 MHz
3.07
3.33
3.68
3.83
0.64
0.85
1.10
1.26
1. Data based on characterization results, not tested in production unless otherwise specified.
2. Data based on characterization results and tested in production with code executing from RAM.
Table 22. Typical and maximum current consumption from VDD supply at VDD = 1.8 V (continued)
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ.
Max. @ TA(1)
Typ.
Max. @ TA(1)
25 °C 85 °C 105 °C
25 °C 85 °C 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com