Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F328C8 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F328C8
Description  CRC calculation unit
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F328C8 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F328C8 Datasheet HTML 8Page - STMicroelectronics STM32F328C8 Datasheet HTML 9Page - STMicroelectronics STM32F328C8 Datasheet HTML 10Page - STMicroelectronics STM32F328C8 Datasheet HTML 11Page - STMicroelectronics STM32F328C8 Datasheet HTML 12Page - STMicroelectronics STM32F328C8 Datasheet HTML 13Page - STMicroelectronics STM32F328C8 Datasheet HTML 14Page - STMicroelectronics STM32F328C8 Datasheet HTML 15Page - STMicroelectronics STM32F328C8 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
Functional overview
STM32F328C8
12/109
DocID026351 Rev 3
3
Functional overview
3.1
ARM® Cortex®-M4 core with FPU with embedded Flash
and SRAM
The ARM Cortex-M4 processor with FPU is the latest generation of ARM processors for
embedded systems. It was developed to provide a low-cost platform that meets the needs of
MCU implementation, with a reduced pin count and low-power consumption, while
delivering outstanding computational performance and an advanced response to interrupts.
The ARM 32-bit Cortex-M4 RISC processor with FPU features exceptional code-efficiency,
delivering the high-performance expected from an ARM core in the memory size usually
associated with 8- and 16-bit devices.
The processor supports a set of DSP instructions which allow efficient signal processing and
complex algorithm execution.
Its single precision FPU speeds up software development by using metalanguage
development tools, while avoiding saturation.
With its embedded ARM core, the STM32F328C8 family is compatible with all ARM tools
and software.
Figure 1 shows the general block diagrams of the STM32F328C8 family devices.
3.2
Memories
3.2.1
Embedded Flash memory
All STM32F328C8 devices feature up to 64 Kbytes of embedded Flash memory available
for storing programs and data. The Flash memory access time is adjusted to the CPU clock
frequency (0 wait state from 0 to 24 MHz, 1 wait state from 24 to 48 MHz and 2 wait states
above).
3.2.2
Embedded SRAM
The STM32F328C8 devices feature 12 Kbytes of embedded SRAM with hardware parity
check. The memory can be accessed in read/write at CPU clock speed with 0 wait states,
allowing the CPU to achieve 90 Dhrystone Mips at 72 MHz when running code from CCM
(core coupled memory) RAM.
The SRAM is organized as follows:
•
4 Kbytes of SRAM on instruction and data bus with parity check (core coupled memory
or CCM) and used to execute critical routines or to access data
•
12 Kbytes of SRAM with parity check mapped on the data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com