Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F328C8 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F328C8
Description  CRC calculation unit
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F328C8 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F328C8 Datasheet HTML 9Page - STMicroelectronics STM32F328C8 Datasheet HTML 10Page - STMicroelectronics STM32F328C8 Datasheet HTML 11Page - STMicroelectronics STM32F328C8 Datasheet HTML 12Page - STMicroelectronics STM32F328C8 Datasheet HTML 13Page - STMicroelectronics STM32F328C8 Datasheet HTML 14Page - STMicroelectronics STM32F328C8 Datasheet HTML 15Page - STMicroelectronics STM32F328C8 Datasheet HTML 16Page - STMicroelectronics STM32F328C8 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
DocID026351 Rev 3
13/109
STM32F328C8
Functional overview
42
3.2.3
Boot modes
At startup, BOOT0 pin and BOOT1 option bit are used to select one of three boot options:
•
Boot from user Flash
•
Boot from system memory
•
Boot from embedded SRAM
The boot loader is located in system memory. It is used to reprogram the Flash memory by
using USART1 (PA9/PA10), USART2 (PA2/PA3), I2C1 (PB6/PB7).
3.3
Cyclic redundancy check calculation unit (CRC)
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code using a
configurable generator polynomial value and size.
Among other applications, CRC-based techniques are used to verify data transmission or
storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a means of
verifying the Flash memory integrity. The CRC calculation unit helps compute a signature of
the software during runtime, to be compared with a reference signature generated at
linktime and stored at a given memory location.
3.4
Power management
3.4.1
Power supply schemes
•
VSS, VDD = 1.8 V+/- 8%: external power supply for I/Os and core. It is provided
externally through VDD pins.
•
VSSA, VDDA = 1.65 to 3.6 V: external analog power supply for ADC, DACs, comparators
operational amplifiers, reset blocks, RCs and PLL. The minimum voltage to be applied
to VDDA differs from one analog peripherals to another. See the table below,
summarizing the VDDA ranges for analog peripherals. The VDDA voltage level must be
always greater or equal to the VDD voltage level and must be provided first.
•
VBAT= 1.65 to 3.6 V: power supply for RTC, external clock 32 kHz oscillator and
backup registers (through power switch which is guaranteed in the full range of VDD)
when VDD is not present.
3.4.2
Power supply supervision
The device power on reset is controlled through the external NPOR pin. The device remains
in reset state when NPOR pin is held low.To guarantee a proper power-on reset, the NPOR
Table 2. VDDA ranges for analog peripherals
Analog peripheral
Min VDDAsupply
Max VDDAsupply
ADC/COMP
1.8 V
3.6 V
DAC/OPAMP
2.4 V
3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com