Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR54 Datasheet (PDF) - NXP Semiconductors

BFR54 Datasheet PDF - NXP Semiconductors
Part # BFR54
Download  BFR54 Download
File Size   48.83 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN medium frequency transistor

BFR54 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR54 Datasheet PDF - NXP Semiconductors

Part # BFR54
Download  BFR54 Click to download

File Size   48.83 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN medium frequency transistor

BFR54 Datasheet (HTML) - NXP Semiconductors


BFR54 Product details

DESCRIPTION
NPN medium frequency transistor in a TO-92; SOT54 plastic package.
   
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 15 V).
   
APPLICATIONS
• Active probes
• Frequency multipliers
• Linear amplifiers.
   




Similar Part No. - BFR54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR54 PHILIPS-BFR54 Datasheet
101Kb / 16P
NPN 9 GHz wideband transistor
1999 Aug 23
BFR540 PHILIPS-BFR540 Datasheet
101Kb / 16P
NPN 9 GHz wideband transistor
1999 Aug 23
logo
Inchange Semiconductor ...
BFR540 ISC-BFR540 Datasheet
207Kb / 7P
isc Silicon NPN RF Transistor
logo
NXP Semiconductors
BFR540 NXP-BFR540 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BFR540 JMNIC-BFR540_15 Datasheet
116Kb / 16P
NPN 9 GHz wideband transistor
More results


Similar Description - BFR54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF199 PHILIPS-BF199 Datasheet
54Kb / 8P
NPN medium frequency transistor
1997 Jul 07
BF240 PHILIPS-BF240 Datasheet
41Kb / 8P
NPN medium frequency transistor
1999 Apr 21
BF840 PHILIPS-BF840 Datasheet
41Kb / 8P
NPN medium frequency transistor
1999 Apr 12
logo
Guangdong Kexin Industr...
BF840 KEXIN-BF840 Datasheet
36Kb / 1P
NPN Medium Frequency Transistor
logo
NXP Semiconductors
BF570 NXP-BF570 Datasheet
111Kb / 6P
NPN medium frequency transistor
2004 Mar 15
BFS20 NXP-BFS20 Datasheet
105Kb / 6P
NPN medium frequency transistor
2004 Feb 05
BFS20W NXP-BFS20W Datasheet
119Kb / 7P
NPN medium frequency transistor
1999 Apr 21
logo
Nexperia B.V. All right...
BF570 NEXPERIA-BF570 Datasheet
299Kb / 7P
NPN medium frequency transistor
2004 Mar 15
BFS19 NEXPERIA-BFS19 Datasheet
284Kb / 8P
NPN medium frequency transistor
2004 Jan 05
BFS20W NEXPERIA-BFS20W Datasheet
296Kb / 8P
NPN medium frequency transistor
1999 Apr 21
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com