Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB544 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TUSB544 Datasheet PDF - Texas Instruments
Part # TUSB544
Download  TUSB544 Download
File Size   2155.03 Kbytes
Page   60 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver

TUSB544 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB544 Datasheet PDF - Texas Instruments

Part # TUSB544
Download  TUSB544 Click to download

File Size   2155.03 Kbytes
Page   60 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver

TUSB544 Datasheet (HTML) - Texas Instruments




Similar Part No. - TUSB544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
TUSB542 TI2-TUSB542 Datasheet
3Mb / 29P
TUSB542 USB Type-CTM 5Gbps Redriver 2:1 MUX
REVISED DECEMBER 2023
TUSB542RWQR TI1-TUSB542RWQR Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
TUSB542RWQR TI2-TUSB542RWQR Datasheet
3Mb / 29P
TUSB542 USB Type-CTM 5Gbps Redriver 2:1 MUX
REVISED DECEMBER 2023
TUSB542RWQR.A TI2-TUSB542RWQR.A Datasheet
3Mb / 29P
TUSB542 USB Type-CTM 5Gbps Redriver 2:1 MUX
REVISED DECEMBER 2023
More results


Similar Description - TUSB544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
logo
NXP Semiconductors
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
PTN38007 NXP-PTN38007 Datasheet
808Kb / 59P
Multi-protocol USB4 20 Gbps linear redriver
Rev.2.1 - 8 December 2021
logo
Texas Instruments
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com