Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1104 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TUSB1104 Datasheet PDF - Texas Instruments
Part # TUSB1104
Download  TUSB1104 Download
File Size   1942.95 Kbytes
Page   55 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver

TUSB1104 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB1104 Datasheet PDF - Texas Instruments

Part # TUSB1104
Download  TUSB1104 Click to download

File Size   1942.95 Kbytes
Page   55 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver

TUSB1104 Datasheet (HTML) - Texas Instruments


TUSB1104 Product details

1 Features
• USB 3.2 5 Gbps and 10 Gbps support
– USB 3.2 x2 support up to 20 Gbps (10 Gbps ×
2 = 20 Gbps)
• Advanced USB power management
– Active: 550 mW (typical)
– Disconnect: 1.5 mW
– Disabled (EN = L): 0.130 mW
• 16 EQ settings up to 12 dB at 5 GHz
• Choice between adaptive or fixed receiver
equalization for ports facing USB connector
• Choice between linear or limited redriver for ports
facing the system (SSRX1/2 transmitters)
• Less than 1 V VTX-CM and VRX-CM
• Configuration through I2C or pin-strap
• Selection between 1.8 V or 3.3 V I2C levels
• Operates from a single 3.3 V supply
2 Applications
• Notebooks and desktops
• Docking stations
• Data storage
• Connected peripherals and printers
Description
The TUSB1104 is a 10 Gbps USB 3.2 x2 linear
redriver for USB-C applications enabling up to
20 Gbps total data throughput. The TUSB1104 is
intended to reside between a Host and a USB-C
receptacle or between a USB device and a USB-C
receptacle. The TUSB1104 supports both USB 3.2
Gen2 (10 Gbps) and Gen1 (5 Gbps) as well as USB
3.2 low power states (Disconnect, U1, U2, and U3).
The TUSB1104 incorporates an innovative, adaptive
receiver equalization (AEQ) feature. The AEQ feature
will automatically determine what it believes is
the best ISI compensation settings between the
TUSB1104 and USB device plugged into the USB
connector resulting in improved interoperability.
The TUSB1104 operates from a single 3.3 V supply
and is available in a 40-pin WQFN package.




Similar Part No. - TUSB1104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1105 TI-TUSB1105 Datasheet
894Kb / 30P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105 TI-TUSB1105 Datasheet
1Mb / 33P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105RGTR TI-TUSB1105RGTR Datasheet
894Kb / 30P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105RGTR TI-TUSB1105RGTR Datasheet
1Mb / 33P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105RGTR TI-TUSB1105RGTR Datasheet
1Mb / 34P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
More results


Similar Description - TUSB1104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1004 TI-TUSB1004 Datasheet
1Mb / 53P
TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
APRIL 2022
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com