Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1104 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1104 Datasheet HTML 1Page - Texas Instruments TUSB1104 Datasheet HTML 2Page - Texas Instruments TUSB1104 Datasheet HTML 3Page - Texas Instruments TUSB1104 Datasheet HTML 4Page - Texas Instruments TUSB1104 Datasheet HTML 5Page - Texas Instruments TUSB1104 Datasheet HTML 6Page - Texas Instruments TUSB1104 Datasheet HTML 7Page - Texas Instruments TUSB1104 Datasheet HTML 8Page - Texas Instruments TUSB1104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
TUSB1104 USB Type-C™ 10 Gbps USB 3.2 x2 Adaptive Linear Redriver
1 Features
• USB 3.2 5 Gbps and 10 Gbps support
– USB 3.2 x2 support up to 20 Gbps (10 Gbps ×
2 = 20 Gbps)
• Advanced USB power management
– Active: 550 mW (typical)
– Disconnect: 1.5 mW
– Disabled (EN = L): 0.130 mW
• 16 EQ settings up to 12 dB at 5 GHz
• Choice between adaptive or fixed receiver
equalization for ports facing USB connector
• Choice between linear or limited redriver for ports
facing the system (SSRX1/2 transmitters)
• Less than 1 V VTX-CM and VRX-CM
• Configuration through I2C or pin-strap
• Selection between 1.8 V or 3.3 V I2C levels
• Operates from a single 3.3 V supply
2 Applications
• Notebooks and desktops
• Docking stations
• Data storage
• Connected peripherals and printers
Description
The TUSB1104 is a 10 Gbps USB 3.2 x2 linear
redriver for USB-C applications enabling up to
20 Gbps total data throughput. The TUSB1104 is
intended to reside between a Host and a USB-C
receptacle or between a USB device and a USB-C
receptacle. The TUSB1104 supports both USB 3.2
Gen2 (10 Gbps) and Gen1 (5 Gbps) as well as USB
3.2 low power states (Disconnect, U1, U2, and U3).
The TUSB1104 incorporates an innovative, adaptive
receiver equalization (AEQ) feature. The AEQ feature
will automatically determine what it believes is
the best ISI compensation settings between the
TUSB1104 and USB device plugged into the USB
connector resulting in improved interoperability.
The TUSB1104 operates from a single 3.3 V supply
and is available in a 40-pin WQFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB1104
WQFN (40)
4.00 mm × 6.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Spacer
USB 3.2
Host/Device
TUSB1104
SSTX2p
SSTX2n
SSRX2p
SSRX2n
SSTX2P
SSTX2n
SSRX2p
SSRX2n
CTX2p
CTX2n
CRX2p
CRX2n
TX2p
TX2n
RX2p
RX2n
SSTX1n
SSTX1p
SSRX1n
SSRX1p
CTX1n
CTX1p
CRX1n
CRX1p
SSTX1n
SSTX1p
SSRX1n
SSRX1p
USB CC/PD
Controller
TX1n
TX1p
RX1n
RX1p
CC1
CC2
(FLIP or I
2C)
CC1
CC2
Simplified Schematic
TUSB1104
SLLSFL1 – APRIL 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB1104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1105 TI-TUSB1105 Datasheet
894Kb / 30P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105 TI-TUSB1105 Datasheet
1Mb / 33P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105RGTR TI-TUSB1105RGTR Datasheet
894Kb / 30P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105RGTR TI-TUSB1105RGTR Datasheet
1Mb / 33P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105RGTR TI-TUSB1105RGTR Datasheet
1Mb / 34P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
More results

Similar Description - TUSB1104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1004 TI-TUSB1004 Datasheet
1Mb / 53P
TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
APRIL 2022
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com