Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1104 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 5Page - Texas Instruments TUSB1104 Datasheet HTML 6Page - Texas Instruments TUSB1104 Datasheet HTML 7Page - Texas Instruments TUSB1104 Datasheet HTML 8Page - Texas Instruments TUSB1104 Datasheet HTML 9Page - Texas Instruments TUSB1104 Datasheet HTML 10Page - Texas Instruments TUSB1104 Datasheet HTML 11Page - Texas Instruments TUSB1104 Datasheet HTML 12Page - Texas Instruments TUSB1104 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
5.7 USB Electrical Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB Gen 2 Differential Receiver (CRX1p/n, CRX2p/n, SSTX1p/n, SSTX2p/n)
V(RX-DIFF-PP)
Input differential peak-peak voltage
swing linear dynamic range
AC-coupled differential peak-to-peak
signal measured post CTLE through a
reference channel
1200
mVpp
V(RX-DC-CM)
Common-mode voltage bias in the
receiver (DC)
0
V
VRX_CM-INST
Max Instantaneous RX DC common
mode voltage change under all
operating conditions (OFF to ON,
Disabled to USB, etc…)
Measured at non-device side of AC
coupling capacitor with 200-kΩ load.
-300
500
mV
R(RX-DIFF-DC)
Differential input impedance (DC)
Present after a GEN2 device is detected.
72
90
120
Ω
R(RX-CM-DC)
Receiver DC common mode
impedance
Present after a GEN2 device is detected.
18
30
Ω
Z(RX-HIGH-IMP-DC-POS)
Common-mode input impedance with
termination disabled (DC)
Present when no GEN2 device is detected
on transmitter.
Measured over the range of 0 – 500 mV
with respect to GND.
25
kΩ
V(SIGNAL-DET-DIFF-PP)
Input differential peak-to-peak signal
detect assert level
At 10 Gbps, no input loss, PRBS7 pattern
75
mV
V(RX-IDLE-DET-DIFF-PP)
Input differential peak-to-peak signal
detect de-assert Level
At 10 Gbps, no input loss, PRBS7 pattern
55
mV
V(RX-LFPS-DET-DIFF-PP)
Low frequency periodic signaling
(LFPS) detect threshold
Below the minimum is squelched
100
300
mV
V(RX-CM-AC-P)
Peak RX AC common-mode voltage
Measured at package pin
150
mV
C(RX)
RX input capacitance to GND
At 5 GHz;
1
pF
RL(RX-DIFF)
Differential return Loss
50 MHz – 1.25 GHz at 85 Ω;
-22
dB
5 GHz at 85 Ω;
-20
dB
RL(RX-CM)
Common-mode return loss
50 MHz – 5 GHz at 85 Ω;
-12
dB
EQ_SSTX15
SSTX1->CTX1 Receiver equalization
at 5 GHz
SSEQ1_SEL = 15; Gain at 5 GHz minus
Gain at 10 MHz;
13.6
dB
EQ_RX15
CRX1 -> SSRX1 Receiver
equalization at 5 GHz
CEQ1_SEL = 15; Gain at 5 GHz minus
Gain at 10 MHz;
12.7
dB
CAC-USB1
Required external AC capacitor on
SSTX1/2
75
265
nF
CAC-USB2
Optional external AC capacitor on
CRX1 and CRX2.
297
363
nF
USB Gen 2 Differential Transmitter (CTX1p/n, CTX2p/n, SSRX1p/n, SSRX2p/n)
VTX(DIFF-PP)
Transmitter dynamic differential
voltage swing range.
EQ15; VID = 1Vpp; LINR_L3
1200
mVpp
VTX(RCV-DETECT)
Amount of voltage change allowed
during receiver detection
600
mV
VTX-CM-INST-ONOFF
Max Instantaneous TX DC common
mode voltage change under operating
condition: OFF to ON, ON to OFF,
during Rx.Detect; Disconnect to U0,
U2/U3 to Disconnect.
Measured single-ended at non-device side
of AC coupling capacitor with 200-kΩ
load.
-500
800
mV
VTX(CM-IDLE-DELTA)
Transmitter idle common-mode
voltage change while in U2/U3 and not
actively transmitting LFPS
–300
600
mV
VTX(DC-CM)
Common-mode voltage bias in the
transmitter (DC)
0.5
0.76
1
V
VTX(CM-AC-PP-ACTIVE)
Tx AC common-mode voltage active
Max mismatch from Txp + Txn for both
time and amplitude
100
mVpp
VTX(IDLE-DIFF-AC-PP)
AC electrical idle differential peak-to-
peak output voltage
At package pins
0
10
mV
VTX(CM-DC-ACTIVE-
IDLE-DELTA)
Absolute DC common-mode voltage
between U1 and U0
At package pin
200
mV
RTX(DIFF)
Differential impedance of the driver
80
90
120
Ω
www.ti.com
TUSB1104
SLLSFL1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com