Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1104 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 9Page - Texas Instruments TUSB1104 Datasheet HTML 10Page - Texas Instruments TUSB1104 Datasheet HTML 11Page - Texas Instruments TUSB1104 Datasheet HTML 12Page - Texas Instruments TUSB1104 Datasheet HTML 13Page - Texas Instruments TUSB1104 Datasheet HTML 14Page - Texas Instruments TUSB1104 Datasheet HTML 15Page - Texas Instruments TUSB1104 Datasheet HTML 16Page - Texas Instruments TUSB1104 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
5.10 Typical Characteristics
Figure 5-1. USB CRX1 EQ Settings Curves at 85 Ω (from
simulation)
Figure 5-2. USB SSTX1 EQ Settings Curves at 85 Ω (from
simulation)
Figure 5-3. CRX1 Input Return Loss Performance at 85 Ω (from
simulation)
Figure 5-4. CTX1 Output Return Loss Performance at 85 Ω
(from simulation)
Figure 5-5. USB SSRX1 VOD Linearity Settings at 20 MHz and
EQ = 0
Figure 5-6. USB SSRX1 VOD Linearity Settings at 5 GHz and EQ
= 0
www.ti.com
TUSB1104
SLLSFL1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com