Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1104 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB1104 Datasheet HTML 1Page - Texas Instruments TUSB1104 Datasheet HTML 2Page - Texas Instruments TUSB1104 Datasheet HTML 3Page - Texas Instruments TUSB1104 Datasheet HTML 4Page - Texas Instruments TUSB1104 Datasheet HTML 5Page - Texas Instruments TUSB1104 Datasheet HTML 6Page - Texas Instruments TUSB1104 Datasheet HTML 7Page - Texas Instruments TUSB1104 Datasheet HTML 8Page - Texas Instruments TUSB1104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
4 Pin Configuration and Functions
Thermal
pad
9
SSRX2p
10
SSRX2n
11
NC
12
SSTX2p
13
SSTX2n
14
VIO_SEL
15
SSTX1n
16
SSTX1p
17
MODE
18
SSRX1n
19
SSRX1p
20
VCC
29
CEQ1
30
CRX1p
31
CRX1n
32
NC
33
CTX1p
34
CTX1n
35
SSEQ0/A0
36
CTX2n
37
CTX2p
38
CEQ0
39
CRX2n
40
CRX2p
Not to scale
Figure 4-1. TUSB1104 RNQ Package, 40-Pin WQFN (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
VCC
1
P
3.3 V supply
SSEQ1/A1
2
4-level I
(PU/PD)
In I2C mode, this pin along with A0 pin selects the 7-bit I2C target address (refer to Table
7-8). In pin-strap mode, this pin along with SSEQ0 selects the receiver EQ for SSTX1
and/or SSTX2 (refer to Table 7-3).
EQCFG
3
4-level I
(PU/PD)
In pin-strap mode, this controls how CEQ[1:0] pins and SSEQ[1:0] are used. Refer to
Section 7.4.2 for details. In I2C mode, this pin is for TI internal test and must be left floating
for normal operation.
SLP_S0#
4
I
(PU)
SLP_S0#. This pin will control whether or not Rx.Detect function is enabled. If this pin is
low and device is in Disconnect state, Rx termination will be disabled. If this pin is low and
device is U2/U3 state, Rx termination will be enabled.
1: Rx.Detect Enabled.
0: Rx.Detect Disabled.
NC
5
No internal connection.
VCC
6
P
3.3 V supply
TESTOUT1
7
O
For internal TI test only. For normal operation this pin should be left unconnected.
TESTOUT2
8
O
For internal TI test only. For normal operation this pin should be left unconnected.
www.ti.com
TUSB1104
SLLSFL1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com