Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1104 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 14Page - Texas Instruments TUSB1104 Datasheet HTML 15Page - Texas Instruments TUSB1104 Datasheet HTML 16Page - Texas Instruments TUSB1104 Datasheet HTML 17Page - Texas Instruments TUSB1104 Datasheet HTML 18Page - Texas Instruments TUSB1104 Datasheet HTML 19Page - Texas Instruments TUSB1104 Datasheet HTML 20Page - Texas Instruments TUSB1104 Datasheet HTML 21Page - Texas Instruments TUSB1104 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
7 Detailed Description
7.1 Overview
The TUSB1104 is a 10 Gbps USB 3.2 x2 linear redriver for USB-C applications enabling up to 20 Gbps total data
throughput. The TUSB1104 supports both USB 3.2 Gen2 (10 Gbps) and Gen1 (5 Gbps) as well as USB 3.2 low
power states (Disconnect, U1, U2, and U3). The TUSB1104 is intended to reside between a Host and a USB-C
receptacle or between a USB device and a USB-C receptacle. The TUSB1104 will automatically detect whether
or not the interface is operating at USB 3.2 x2 or x1. If it determines the USB interface is operating at USB 3.2
x1, then it will disable the unused lane to conserve power.
The TUSB1104 supports up to 16 receiver equalization settings controlled by either pin-strap pins or through I2C
registers. The USB connector facing receivers (CRX1 and CRX2) support three equalization modes: Fixed EQ,
Fast AEQ, and Full AEQ. Selection between these modes is done through either pin-strap pins or through I2C
regisrers. The other receivers (SSTX1/2) only support Fixed EQ.
The TUSB1104 operates as a linear redriver for signals traversing from the SSTX1/2 receivers towards CTX1/2
transmitters. It can operate as either a linear redriver or limited redriver for signals traversing from CRX1/2
receivers towards SSRX1/2 transmitters. TUSB1104 defaults to linear redriver but can be enabled for limited
redriver by I2C register. When enabled for limited redriver, the SSRX1/2 transmitter support four levels of
pre-shoot and four-levels of de-emphasis.
TUSB1104
SLLSFL1 – APRIL 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com