Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1104 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 28Page - Texas Instruments TUSB1104 Datasheet HTML 29Page - Texas Instruments TUSB1104 Datasheet HTML 30Page - Texas Instruments TUSB1104 Datasheet HTML 31Page - Texas Instruments TUSB1104 Datasheet HTML 32Page - Texas Instruments TUSB1104 Datasheet HTML 33Page - Texas Instruments TUSB1104 Datasheet HTML 34Page - Texas Instruments TUSB1104 Datasheet HTML 35Page - Texas Instruments TUSB1104 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Note
After initial power-up, if no register offset is included for the read procedure (refer to Figure 7-3),
then reads start at register offset 00h and continue byte by byte through the registers until the I2C
controller terminates the read operation. During a read operation, the TUSB1104 auto-increments the
I2C internal register address of the last byte transferred independent of whether or not an ACK was
received from the I2C controller.
7.6 Register Map
7.6.1 Device Registers
Table 7-9 lists the memory-mapped registers for the Device registers. All register offset addresses not listed in
Table 7-9 should be considered as reserved locations and the register contents should not be modified.
Table 7-9. DEVICE Registers
Offset
Acronym
Register Name
Section
8h
Rev_ID
Revision ID Register
Go
Ah
General_1
General Register
Go
Bh
TX1EQ_CTRL
TX1 EQ Control
Go
Ch
TX2EQ_CTRL
TX2 EQ Control
Go
1Ch
AEQ_CONTROL1
AEQ Controls
Go
1Dh
AEQ_CONTROL2
AEQ Controls
Go
1Eh
AEQ_LONG
AEQ setting for Long channel
Go
20h
USBC_EQ
EQ control for CRX1 and CRX2 receivers
Go
21h
SS_EQ
EQ Control for SSTX1 and SSTX2 receiver
Go
22h
USB3_MISC
Misc USB3 Controls
Go
24h
USB1_STATUS
USB1 state machine status
Go
25h
USB2_STATUS
USB2 state machine status
Go
32h
VOD_CTRL
VOD Linearity and AEQ Controls
Go
3Bh
AEQ1_STATUS
Full and Fast AEQ status
Go
3Ch
AEQ2_STATUS
Full and Fast AEQ status
Go
50h
AEQ_CONTROL_AUX1
Go
51h
AEQ_CONTROL_AUX2
Go
52h
AEQ_CONTROL_AUX3
Go
Complex bit access types are encoded to fit into small table cells. Table 7-10 shows the codes that are used for
access types in this section.
Table 7-10. Device Access Type Codes
Access Type
Code
Description
Read Type
H
H
Set or cleared by hardware
R
R
Read
RH
R
H
Read
Set or cleared by hardware
Write Type
W
W
Write
W1C
W
1C
Write
1 to clear
W1S
W
1S
Write
1 to set
TUSB1104
SLLSFL1 – APRIL 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com