Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1104 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 35Page - Texas Instruments TUSB1104 Datasheet HTML 36Page - Texas Instruments TUSB1104 Datasheet HTML 37Page - Texas Instruments TUSB1104 Datasheet HTML 38Page - Texas Instruments TUSB1104 Datasheet HTML 39Page - Texas Instruments TUSB1104 Datasheet HTML 40Page - Texas Instruments TUSB1104 Datasheet HTML 41Page - Texas Instruments TUSB1104 Datasheet HTML 42Page - Texas Instruments TUSB1104 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Table 7-23. VOD_CTRL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5-4
RESERVED
R
0h
Reserved
3-2
USB_CTX12_VOD
R/W
0h
VOD linearity control for USB connector facing ports (CTX1 and
CTX2).
0h = LINR_L3 (highest)
1h = LINR_L2
2h = LINR_L1
3h = LINR_L0 (lowest)
1-0
USB_SSRX12_VOD
R/W
0h
VOD linearity control for USB upstream facing port (SSRX1/2). When
SSRX_LIMIT_ENABLE = 1, then this field controls the limited VOD
for SSRX.
0h = LINR_L3 (highest)
1h = LINR_L2
2h = LINR_L1
3h = LINR_L0 (lowest)
7.6.1.14 AEQ1_STATUS Register (Offset = 3Bh) [Reset = 00h]
AEQ1_STATUS is shown in Table 7-24.
Return to the Summary Table.
This register provides the status of AEQ function.
Table 7-24. AEQ1_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R
0h
Reserved
4
RESERVED
RH
0h
Reserved
3-0
AEQ1_EQ_STAT
RH
0h
Optimal EQ determined by FSM after the completion of Full AEQ.
This field will also indicate EQ used for Fast AEQ. This field will
include the value programmed into OVER_EQ_CTRL field.
7.6.1.15 AEQ2_STATUS Register (Offset = 3Ch) [Reset = 00h]
AEQ2_STATUS is shown in Table 7-25.
Return to the Summary Table.
This register provides the status of AEQ function.
Table 7-25. AEQ2_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R
0h
Reserved
4
RESERVED
RH
0h
Reserved
3-0
AEQ2_EQ_STAT
RH
0h
Optimal EQ determined by FSM after the completion of Full AEQ.
This field will also indicate EQ used for Fast AEQ. This field will
include the value programmed into OVER_EQ_CTRL field.
7.6.1.16 AEQ_CONTROL_AUX1 Register (Offset = 50h) [Reset = 00h]
AEQ_CONTROL_AUX1 is shown in Table 7-26.
Return to the Summary Table.
Table 7-26. AEQ_CONTROL_AUX1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
0h
Reserved
www.ti.com
TUSB1104
SLLSFL1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com