Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1104 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 19Page - Texas Instruments TUSB1104 Datasheet HTML 20Page - Texas Instruments TUSB1104 Datasheet HTML 21Page - Texas Instruments TUSB1104 Datasheet HTML 22Page - Texas Instruments TUSB1104 Datasheet HTML 23Page - Texas Instruments TUSB1104 Datasheet HTML 24Page - Texas Instruments TUSB1104 Datasheet HTML 25Page - Texas Instruments TUSB1104 Datasheet HTML 26Page - Texas Instruments TUSB1104 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
7.3.3.2 Limited VOD
Limited VOD mode is used to set the actual VOD level and is used when TUSB1104 is configured in limited
redriver mode. In this mode the VOD is no longer a linear function of the input VID. For example, if the signal at
TUSB1104's input (VID) is at 600 mVpp then the TUSB1104's output VOD will be around 1000 mVpp (assuming
LINR_L3 is selected). The limited redriver mode is only supported on the SSRX1/2 transmitter. The TUSB1104
provides four different limited VOD settings. All four settings are available through register control.
Note
Limited redriver mode is disabled by default and can only be enabled by setting the
SSRX_LIMIT_ENABLE register. Once enabled, the VOD level for SSRX1/2 transmitters is controlled
by the USB_SSRX12_VOD register
7.3.3.3 Transmit Equalization (Limited Redriver Mode Only)
The TUSB1104 in limited redriver mode offers pre-shoot and de-emphasis controls for SSRX1/2 transmitter. The
TUSB1104 offers four pre-shoot levels and four de-emphasis levels. These levels can be changed by modifying
I2C registers.
SSRX1 transmitter equalization is controlled by TX1_PRESHOOT and TX1_DEEMPHASIS fields. When
SSRX_LIMIT_ENABLE = 1 and TX1_PRESHOOT_EN = 1, the TX1_PRESHOOT field selects between
four different pre-shoot levels. When SSRX_LIMIT_ENABLE = 1 and TX1_DEEMPHASIS_EN = 1, the
TX1_DEEMPHASIS field selects between four different de-emphasis levels.
SSRX2 transmitter equalization is controlled by TX2_PRESHOOT and TX2_DEEMPHASIS fields. When
SSRX_LIMIT_ENABLE = 1 and TX2_PRESHOOT_EN = 1, the TX2_PRESHOOT field selects between
four different pre-shoot levels. When SSRX_LIMIT_ENABLE = 1 and TX2_DEEMPHASIS_EN = 1, the
TX2_DEEMPHASIS field selects between four different de-emphasis levels.
Note
Transmitter equalization control is not supported in pin-strap mode.
7.3.4 USB 3.2 x2 Description
The TUSB1104 configured for USB 3.2 x2 mode will determine if the link is operating in USB 3.2 x2 or in USB
3.1 x1. If the link is USB 3.2 x2, then TUSB1104 will operate with one port operating as a USB 3.2 x1 port
and the remaining port following the lead of the other port. The port functioning as a USB 3.1 x1 port is called
the config lane. The determination of the config lane is based solely on the Type-C orientation. For normal
orientation (FLIP = L), Port 1 is the config lane. For the flipped orientation (FLIP = H), Port 2 is the config lane.
In USB 3.2 x2 the config lane will operate as a standard USB 3.2 x1 port. While in all USB low power states
(Disconnect, U1, U2, and U3), the non-config lane will be disabled in order to conserve power. Entry to and exit
from these low power states is determined solely by the config lane. If the config lane detects an exit from a low
power state, then the non-config will be enabled.
Table 7-4. Config Lane Selection
FLIP pin or FLIP_SEL register
CONFIG LANE
NON-CONFIG LANE
0
CRX1 -> SSRX1
CRX2 -> SSRX2
SSTX1 -> CTX1
SSTX2 -> CTX2
1
CRX2 -> SSRX2
CRX1 -> SSRX1
SSTX2 -> CTX2
SSTX1 -> CTX1
www.ti.com
TUSB1104
SLLSFL1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com