Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1142 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TUSB1142 Datasheet PDF - Texas Instruments
Part # TUSB1142
Download  TUSB1142 Download
File Size   1928.08 Kbytes
Page   55 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver

TUSB1142 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB1142 Datasheet PDF - Texas Instruments

Part # TUSB1142
Download  TUSB1142 Click to download

File Size   1928.08 Kbytes
Page   55 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver

TUSB1142 Datasheet (HTML) - Texas Instruments


TUSB1142 Product details

1 Features
• USB Type-C 2:1 redriver MUX
• USB 3.2 5 Gbps and 10 Gbps support
• Advanced USB power management
– Active: 550 mW (typical)
– Disconnect: 1.5 mW
– Disabled (EN = L): 0.130 mW
• 16 EQ settings up to 12 dB at 5 GHz
• Choice between adaptive or fixed receiver
equalization for ports facing USB connector
• Choice between linear or limited redriver for port
facing the system (SSRX transmitter)
• Less than 1 V VTX-CM and VRX-CM
• Configuration through I2C or pin-strap
• Selection between 1.8 V or 3.3 V I2C levels
• Operates from a single 3.3 V supply
2 Applications
• Notebooks and desktops
• Docking stations
• Data storage
• Connected peripherals and printers
Description
The TUSB1142 is a 10 Gbps USB 3.2 linear
redriver with 1:2 DeMUX or 2:1 Mux function for
USB-C™ applications. The TUSB1142 is intended to
reside between a Host and a USB-C receptacle or
between a USB device and a USB-C receptacle. The
TUSB1142 supports both USB 3.2 Gen2 (10 Gbps)
and Gen1 (5 Gbps) as well as USB 3.2 low power
states (Disconnect, U1, U2, and U3).
The TUSB1142 incorporates an innovative, adaptive
receiver equalization (AEQ) feature. The AEQ feature
will automatically determine what it believes is
the best ISI compensation settings between the
TUSB1142 and USB device plugged into the USB
connector resulting in improved interoperability.
The TUSB1142 operates from a single 3.3 V supply
and is available in a 40-pin WQFN package.




Similar Part No. - TUSB1142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1146 TI1-TUSB1146 Datasheet
3Mb / 69P
TUSB1146-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 10Gbps Linear Redriver Crosspoint Switch
FEBRUARY 2025
TUSB1146 TI2-TUSB1146 Datasheet
1Mb / 68P
TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
APRIL 2020
TUSB1146-Q1 TI1-TUSB1146-Q1 Datasheet
3Mb / 69P
TUSB1146-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 10Gbps Linear Redriver Crosspoint Switch
FEBRUARY 2025
TUSB1146-Q1 TI2-TUSB1146-Q1 Datasheet
1Mb / 68P
TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
APRIL 2020
More results


Similar Description - TUSB1142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
logo
Pericom Semiconductor C...
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
logo
Texas Instruments
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1004 TI-TUSB1004 Datasheet
1Mb / 53P
TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
APRIL 2022
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com