Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1142 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1142
Description  TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1142 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB1142 Datasheet HTML 1Page - Texas Instruments TUSB1142 Datasheet HTML 2Page - Texas Instruments TUSB1142 Datasheet HTML 3Page - Texas Instruments TUSB1142 Datasheet HTML 4Page - Texas Instruments TUSB1142 Datasheet HTML 5Page - Texas Instruments TUSB1142 Datasheet HTML 6Page - Texas Instruments TUSB1142 Datasheet HTML 7Page - Texas Instruments TUSB1142 Datasheet HTML 8Page - Texas Instruments TUSB1142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Revision History.............................................................. 2
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 6
5.1 Absolute Maximum Ratings........................................ 6
5.2 ESD Ratings............................................................... 6
5.3 Recommended Operating Conditions.........................6
5.4 Thermal Information....................................................6
5.5 Power Supply Characteristics..................................... 7
5.6 Control I/O DC Electrical Characteristics.................... 7
5.7 USB Electrical Characteristics.................................... 9
5.8 Timing Requirements................................................ 11
5.9 Switching Characteristics.......................................... 11
5.10 Typical Characteristics............................................ 13
6 Parameter Measurement Information.......................... 15
7 Detailed Description......................................................18
7.1 Overview................................................................... 18
7.2 Functional Block Diagram......................................... 19
7.3 Feature Description...................................................20
7.4 Device Functional Modes..........................................24
7.5 Programming............................................................ 26
7.6 Register Map.............................................................32
8 Application and Implementation.................................. 41
8.1 Application Information............................................. 41
9 Typical Application........................................................41
10 Design Requirements..................................................42
11 Detailed Design Procedure......................................... 42
11.1 USB SSTX Receiver Configuration.........................44
11.2 USB CRX1/2 Receiver Configuration......................44
12 Application Curves......................................................45
13 Power Supply Recommendations..............................45
14 Layout...........................................................................45
14.1 Layout Guidelines................................................... 45
14.2 Layout Example...................................................... 46
15 Device and Documentation Support..........................47
15.1 Receiving Notification of Documentation Updates..47
15.2 Support Resources................................................. 47
15.3 Trademarks.............................................................47
15.4 Electrostatic Discharge Caution..............................47
15.5 Glossary..................................................................47
16 Mechanical, Packaging, and Orderable
Information.................................................................... 47
3 Revision History
DATE
REVISION
NOTES
April 2022
*
Initial Release
TUSB1142
SLLSFL2 – APRIL 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com