Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1142 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1142
Description  TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1142 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB1142 Datasheet HTML 28Page - Texas Instruments TUSB1142 Datasheet HTML 29Page - Texas Instruments TUSB1142 Datasheet HTML 30Page - Texas Instruments TUSB1142 Datasheet HTML 31Page - Texas Instruments TUSB1142 Datasheet HTML 32Page - Texas Instruments TUSB1142 Datasheet HTML 33Page - Texas Instruments TUSB1142 Datasheet HTML 34Page - Texas Instruments TUSB1142 Datasheet HTML 35Page - Texas Instruments TUSB1142 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Note
After initial power-up, if no register offset is included for the read procedure (refer to Figure 7-3),
then reads start at register offset 00h and continue byte by byte through the registers until the I2C
controller terminates the read operation. During a read operation, the TUSB1142 auto-increments the
I2C internal register address of the last byte transferred independent of whether or not an ACK was
received from the I2C controller.
7.6 Register Map
7.6.1 TUSB1142 Registers
Table 7-9 lists the memory-mapped registers for the TUSB1142 registers. All register offset addresses not listed
in Table 7-9 should be considered as reserved locations and the register contents should not be modified.
Table 7-9. TUSB1142 Registers
Offset
Acronym
Register Name
Section
8h
Rev_ID
Revision ID Register
Section 7.6.1.1
Ah
General_1
General Register
Section 7.6.1.2
Bh
TX1EQ_CTRL
TX1 EQ Control
Section 7.6.1.3
1Ch
AEQ_CONTROL1
AEQ Controls
Section 7.6.1.4
1Dh
AEQ_CONTROL2
AEQ Controls
Section 7.6.1.5
1Eh
AEQ_LONG
AEQ setting for Long channel
Section 7.6.1.6
20h
USBC_EQ
EQ control for CRX1 and CRX2 receivers
Section 7.6.1.7
21h
SS_EQ
EQ Control for SSTX receiver
Section 7.6.1.8
22h
USB3_MISC
Misc USB3 Controls
Section 7.6.1.9
24h
USB1_STATUS
USB1 state machine status
Section 7.6.1.10
25h
USB2_STATUS
USB2 state machine status
Section 7.6.1.11
32h
VOD_CTRL
VOD Linearity and AEQ Controls
Section 7.6.1.12
3Bh
AEQ1_STATUS
Full and Fast AEQ status
Section 7.6.1.13
3Ch
AEQ2_STATUS
Full and Fast AEQ status
Section 7.6.1.14
50h
AEQ_CONTROL_AUX1
Section 7.6.1.15
51h
AEQ_CONTROL_AUX2
Section 7.6.1.16
52h
AEQ_CONTROL_AUX3
Section 7.6.1.17
Complex bit access types are encoded to fit into small table cells. Table 7-10 shows the codes that are used for
access types in this section.
Table 7-10. TUSB1142 Access Type Codes
Access Type
Code
Description
Read Type
H
H
Set or cleared by hardware
R
R
Read
RH
R
H
Read
Set or cleared by hardware
Write Type
W
W
Write
W1C
W
1C
Write
1 to clear
W1S
W
1S
Write
1 to set
WtoP
W
Write
TUSB1142
SLLSFL2 – APRIL 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com