Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1142 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1142
Description  TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1142 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB1142 Datasheet HTML 17Page - Texas Instruments TUSB1142 Datasheet HTML 18Page - Texas Instruments TUSB1142 Datasheet HTML 19Page - Texas Instruments TUSB1142 Datasheet HTML 20Page - Texas Instruments TUSB1142 Datasheet HTML 21Page - Texas Instruments TUSB1142 Datasheet HTML 22Page - Texas Instruments TUSB1142 Datasheet HTML 23Page - Texas Instruments TUSB1142 Datasheet HTML 24Page - Texas Instruments TUSB1142 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
7.3.2.1 Linear EQ Configuration
Each of the TUSB1142 receiver lanes have individual controls for receiver equalization. The receiver
equalization gain value can be controlled either through I2C registers or through pin-straps. Table 7-2 and Table
7-3 details the gain value for each available combination when TUSB1142 is in pin-strap mode. These same
options are also available in I2C mode by updating registers CEQ1_SEL, CEQ2_SEL, and SSEQ1_SEL.
Table 7-2. USB Connector Facing Port Receiver (CRX1 and CRX2 pins) Equalization Control
Register(s): CEQ1_SEL or
CEQ2_SEL
Equalization Setting #
CEQ1 PIN Level
CEQ0 PIN Level
EQ Gain at 5 GHz minus Gain
at 100 MHz
(dB)
0
0
0
-0.4
1
0
R
1.9
2
0
F
3.5
3
0
1
5.0
4
R
0
6.1
5
R
R
7.2
6
R
F
8.0
7
R
1
8.8
8
F
0
9.6
9
F
R
10.2
10
F
F
10.7
11
F
1
11.2
12
1
0
11.6
13
1
R
12.0
14
1
F
12.4
15
1
1
12.7
Table 7-3. USB Host Facing Port Receiver (SSTX) Equalization Control
Register(s): SSEQ1_SEL
Equalization Setting #
SSEQ1 PIN LEVEL
SSEQ0 PIN LEVEL
EQ Gain at 5 GHz minus
Gain at 100 MHz
(dB)
0
0
0
0.6
1
0
R
2.8
2
0
F
4.5
3
0
1
6.0
4
R
0
7.0
5
R
R
8.0
6
R
F
9.0
7
R
1
10.0
8
F
0
10.6
9
F
R
11.2
10
F
F
11.7
11
F
1
12.2
12
1
0
12.5
13
1
R
13.0
14
1
F
13.3
15
1
1
13.6
www.ti.com
TUSB1142
SLLSFL2 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TUSB1142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com