Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-3866 Datasheet (PDF) - Broadcom Corporation.

HSMP-3866 Datasheet PDF - Broadcom Corporation.
Part # HSMP-3866
Download  HSMP-3866 Download
File Size   345.26 Kbytes
Page   6 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz

HSMP-3866 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMP-3866 Datasheet PDF - Broadcom Corporation.

Part # HSMP-3866
Download  HSMP-3866 Click to download

File Size   345.26 Kbytes
Page   6 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz

HSMP-3866 Datasheet (HTML) - Broadcom Corporation.




Similar Part No. - HSMP-3866

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3866 AVAGO-HSMP-3866 Datasheet
345Kb / 6P
Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
HSMP-3866-BLKG AVAGO-HSMP-3866-BLKG Datasheet
345Kb / 6P
Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
HSMP-3866-TR1G AVAGO-HSMP-3866-TR1G Datasheet
345Kb / 6P
Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
HSMP-3866-TR2G AVAGO-HSMP-3866-TR2G Datasheet
345Kb / 6P
Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
HSMP-3866 AVAGO-HSMP-3866_15 Datasheet
345Kb / 6P
Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
More results


Similar Description - HSMP-3866

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
PIN Diode ? Quad Attenuator
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
PIN Diode ? Quad Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816 AVAGO-HSMP-3816 Datasheet
326Kb / 6P
Quad PIN Diode Attenuator 300 kHz to 4 GHz in SOT 25 Package
HSMP-3866-TR1G AVAGO-HSMP-3866-TR1G Datasheet
345Kb / 6P
Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
Quad PIN diode attenuator
Rev. 1-7 October 2010
BAP70Q PHILIPS-BAP70Q_15 Datasheet
143Kb / 13P
Quad PIN diode attenuator
Rev. 2-6 March 2012
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816 AVAGO-HSMP-3816_15 Datasheet
326Kb / 6P
Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
HSMP-3866 AVAGO-HSMP-3866_15 Datasheet
345Kb / 6P
Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
logo
Broadcom Corporation.
DEMO-HSMP-38X6 BOARDCOM-DEMO-HSMP-38X6 Datasheet
326Kb / 6P
Quad PIN Diode ? Attenuator 300 kHz to 4 GHz in SOT 25 Package
HSMP-3816 BOARDCOM-HSMP-3816 Datasheet
326Kb / 6P
Quad PIN Diode ? Attenuator 300 kHz to 4 GHz in SOT 25 Package
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com