Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4060Y Datasheet (PDF) - STMicroelectronics

HCF4060Y Datasheet PDF - STMicroelectronics
Part # HCF4060Y
Download  HCF4060Y Download
File Size   625.55 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 14-stage ripple carry binary counter/divider and oscillator

HCF4060Y Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4060Y Datasheet PDF - STMicroelectronics

Part # HCF4060Y
Download  HCF4060Y Click to download

File Size   625.55 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 14-stage ripple carry binary counter/divider and oscillator

HCF4060Y Datasheet (HTML) - STMicroelectronics


HCF4060Y Product details

Description
The HCF4060 device is a monolithic integrated circuit fabricated in MOS (metal oxide semiconductor) technology available in SO16 and PDIP16 packages.
The HCF4060 device consists of an oscillator section and 14 ripple carry binary counter stages.
The oscillator configuration allows design of either RC or crystal oscillator circuits. A RESET input is provided which resets the counter to the all 0’s state and disables the oscillator. A high level on the RESET line accomplishes the reset function. All counter stages are master slave flip-flops. The state of the counter is advanced one step in binary order on the negative transition of φ1 (and φ0). All inputs and outputs are fully buffered. Schmitt trigger action on the clock pin permits unlimited clock rise and fall time.

Features
• Medium speed operation
• Common reset
• Fully static operation
• Buffered inputs and outputs
• Quiescent current specified up to 20 V
• 5 V, 10 V and 15 V parametric ratings
• Input leakage current: II = 100 nA (max.)
   at VDD = 18 V, TA = 25 °C
• 100% tested for quiescent current
• ESD performance
   – HBM: 1 kV
   – MM: 200 V
   – CDM: 1 kV

Applications
• Automotive
• Industrial
• Computer
• Consumer




Similar Part No. - HCF4060Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4060YM013TR STMICROELECTRONICS-HCF4060YM013TR Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
More results


Similar Description - HCF4060Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4060B PHILIPS-HEF4060B Datasheet
110Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
STMicroelectronics
HCC4060B STMICROELECTRONICS-HCC4060B Datasheet
272Kb / 13P
COUNTER/DIVIDER AND OSCILLATOR 14-STAGE RIPPLE CARRY BINARY
Sep-1988
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4060B SLS-SL4060B Datasheet
39Kb / 5P
14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
Micro Electronics
MMC4060 MICRO-ELECTRONICS-MMC4060 Datasheet
164Kb / 4P
14 STAGE RIPPLE CARRY BINARY COUNTER / DIVIDER AND OSCILLATOR
logo
STMicroelectronics
HCF4060B STMICROELECTRONICS-HCF4060B Datasheet
230Kb / 10P
14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
Aug-2003
HCF4060 STMICROELECTRONICS-HCF4060_13 Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
logo
NXP Semiconductors
HEF4060BP652 PHILIPS-HEF4060BP652 Datasheet
115Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
Nexperia B.V. All right...
HEF4060B-Q100 NEXPERIA-HEF4060B-Q100 Datasheet
726Kb / 14P
14-stage ripple-carry binary counter/divider and oscillator
HEF4060B NEXPERIA-HEF4060B Datasheet
255Kb / 14P
14-stage ripple-carry binary counter/divider and oscillator
Rev. 10 - 8 November 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com