Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4060Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4060Y
Description  14-stage ripple carry binary counter/divider and oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4060Y Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4060Y Datasheet HTML 1Page - STMicroelectronics HCF4060Y Datasheet HTML 2Page - STMicroelectronics HCF4060Y Datasheet HTML 3Page - STMicroelectronics HCF4060Y Datasheet HTML 4Page - STMicroelectronics HCF4060Y Datasheet HTML 5Page - STMicroelectronics HCF4060Y Datasheet HTML 6Page - STMicroelectronics HCF4060Y Datasheet HTML 7Page - STMicroelectronics HCF4060Y Datasheet HTML 8Page - STMicroelectronics HCF4060Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
May 2013
DocID2055 Rev 6
1/15
15
HCF4060
14-stage ripple carry binary counter/divider and oscillator
Datasheet
- production data
Features
• Medium speed operation
• Common reset
• Fully static operation
• Buffered inputs and outputs
• Quiescent current specified up to 20 V
• 5 V, 10 V and 15 V parametric ratings
• Input leakage current: II = 100 nA (max.)
at VDD = 18 V, TA = 25 °C
• 100% tested for quiescent current
• ESD performance
–HBM: 1 kV
– MM: 200 V
–CDM: 1 kV
Applications
• Automotive
• Industrial
• Computer
• Consumer
Description
The HCF4060 device is a monolithic integrated
circuit fabricated in MOS (metal oxide
semiconductor) technology available in SO16 and
PDIP16 packages.
The HCF4060 device consists of an oscillator
section and 14 ripple carry binary counter stages.
The oscillator configuration allows design of either
RC or crystal oscillator circuits. A RESET input is
provided which resets the counter to the all 0’s
state and disables the oscillator. A high level on
the RESET line accomplishes the reset function.
All counter stages are master slave flip-flops. The
state of the counter is advanced one step in
binary order on the negative transition of
φ1 (and
φ0). All inputs and outputs are fully buffered.
Schmitt trigger action on the clock pin permits
unlimited clock rise and fall time.
Table 1. Device summary
Order code
Temperature range
Package
Packaging
Marking
HCF4060M013TR
-55/+125 °C
SO16
Tape and reel
HCF4060
HCF4060YM013TR(1)
-40/+125 °C
SO16 (automotive version)
Tape and reel
HCF4060Y
HCF4060BEY
-55/+125 °C
PDIP16
Tube
HCF4066BE
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
www.st.com


Similar Part No. - HCF4060Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4060YM013TR STMICROELECTRONICS-HCF4060YM013TR Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
More results

Similar Description - HCF4060Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4060B PHILIPS-HEF4060B Datasheet
110Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
STMicroelectronics
HCC4060B STMICROELECTRONICS-HCC4060B Datasheet
272Kb / 13P
COUNTER/DIVIDER AND OSCILLATOR 14-STAGE RIPPLE CARRY BINARY
Sep-1988
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4060B SLS-SL4060B Datasheet
39Kb / 5P
14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
Micro Electronics
MMC4060 MICRO-ELECTRONICS-MMC4060 Datasheet
164Kb / 4P
14 STAGE RIPPLE CARRY BINARY COUNTER / DIVIDER AND OSCILLATOR
logo
STMicroelectronics
HCF4060B STMICROELECTRONICS-HCF4060B Datasheet
230Kb / 10P
14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
Aug-2003
HCF4060 STMICROELECTRONICS-HCF4060_13 Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
logo
NXP Semiconductors
HEF4060BP652 PHILIPS-HEF4060BP652 Datasheet
115Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
Nexperia B.V. All right...
HEF4060B-Q100 NEXPERIA-HEF4060B-Q100 Datasheet
726Kb / 14P
14-stage ripple-carry binary counter/divider and oscillator
HEF4060B NEXPERIA-HEF4060B Datasheet
255Kb / 14P
14-stage ripple-carry binary counter/divider and oscillator
Rev. 10 - 8 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com