Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C66-R Datasheet (PDF) - STMicroelectronics

M93C66-R Datasheet PDF - STMicroelectronics
Part # M93C66-R
Download  M93C66-R Download
File Size   1261.58 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Programming instructions that work on: byte word or entire memory

M93C66-R Datasheet (PDF)

Go To PDF Page Download Datasheet
M93C66-R Datasheet PDF - STMicroelectronics

Part # M93C66-R
Download  M93C66-R Click to download

File Size   1261.58 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Programming instructions that work on: byte word or entire memory

M93C66-R Datasheet (HTML) - STMicroelectronics


M93C66-R Product details

Features
■ Industry standard MICROWIRE™ bus
■ Single supply voltage: – 2.5 V to 5.5 V for M93Cx6-W – 1.8 V to 5.5 V for M93Cx6-R
■ Dual organization: by word (x16) or byte (x8)
■ Programming instructions that work on: byte, word or entire memory
■ Self-timed programming cycle with auto-erase: 5 ms
■ READY/BUSY signal during programming
■ 2 MHz clock rate
■ Sequential read operation
■ Enhanced ESD/latch-up behavior
■ More than 4 million write cycles
■ More than 200-year data retention




Similar Part No. - M93C66-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C66-R STMICROELECTRONICS-M93C66-R Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
31-Jul-2007
M93C66-R STMICROELECTRONICS-M93C66-R Datasheet
611Kb / 31P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
31-Jul-2007
M93C66-R STMICROELECTRONICS-M93C66-R Datasheet
587Kb / 31P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
27-Oct-2005
M93C66-R STMICROELECTRONICS-M93C66-R Datasheet
351Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
31-Jul-2007
M93C66-R STMICROELECTRONICS-M93C66-R Datasheet
331Kb / 37P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
31-Jul-2007
More results


Similar Description - M93C66-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8TAB9 NSC-COP8TAB9 Datasheet
1Mb / 59P
8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
On-chip Flash program memory with in-system programming
logo
Microchip Technology
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
Memory Programming Specification
2004
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
FLASH Memory Programming Specification
2002
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
EPROM Memory Programming Specification
2001
logo
National Semiconductor ...
COP8TAB9_0504 NSC-COP8TAB9_0504 Datasheet
1Mb / 59P
8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
logo
Microchip Technology
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
EEPROM Memory Programming Specification
2002
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
Flash Memory Programming Specification
01/05/10 2010
logo
Renesas Technology Corp
RX100 RENESAS-RX100 Datasheet
1Mb / 71P
Flash memory programming software
logo
Mallory performance clu...
PN4219 MALLORY-PN4219 Datasheet
738Kb / 8P
Programming Instructions for the SB6 Ignitions
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com