Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C66-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M93C66-R
Description  Programming instructions that work on: byte word or entire memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C66-R Datasheet(HTML) 1 Page - STMicroelectronics

  M93C66-R Datasheet HTML 1Page - STMicroelectronics M93C66-R Datasheet HTML 2Page - STMicroelectronics M93C66-R Datasheet HTML 3Page - STMicroelectronics M93C66-R Datasheet HTML 4Page - STMicroelectronics M93C66-R Datasheet HTML 5Page - STMicroelectronics M93C66-R Datasheet HTML 6Page - STMicroelectronics M93C66-R Datasheet HTML 7Page - STMicroelectronics M93C66-R Datasheet HTML 8Page - STMicroelectronics M93C66-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
December 2015
DocID4997 Rev 17
1/35
M93C86-x M93C76-x M93C66-x
M93C56-x M93C46-x
16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit
(8-bit or 16-bit wide) MICROWIRE™ serial access EEPROM
Datasheet
- production data
PDIP8 (BN)
SO8 (MN)
TSSOP8 (DW)
169 mil width
UFDFPN8 (MC)
2 x 3 mm
Features
• Industry standard MICROWIRE™ bus
• Single supply voltage:
–2.5 V to 5.5 V for M93Cx6-W
–1.8 V to 5.5 V for M93Cx6-R
• Dual organization: by word (x16) or byte (x8)
• Programming instructions that work on: byte,
word or entire memory
• Self-timed programming cycle with auto-erase:
5 ms
• READY/BUSY signal during programming
• 2 MHz clock rate
• Sequential read operation
• Enhanced ESD/latch-up behavior
• More than 4 million write cycles
• More than 200-year data retention
• Packages
– SO8, TSSOP8, UFDFPN8 packages:
ECOPACK2®)
– PDIP8 package:
ECOPACK1®
Table 1. Device summary
Reference
Part
number
Memory
size
Supply
voltage
M93C46-x
M93C46-W
1 Kbit
2.5 V to 5.5 V
M93C46-R
1.8 V to 5.5 V
M93C56-x
M93C56-W
2 Kbit
2.5 V to 5.5 V
M93C56-R
1.8 V to 5.5 V
M93C66-x
M93C66-W
4 Kbit
2.5 V to 5.5 V
M93C66-R
1.8 V to 5.5 V
M93C76-x
M93C76-W
8 Kbit
2.5 V to 5.5 V
M93C76-R
1.8 V to 5.5 V
M93C86-x
M93C86-W
16 Kbit
2.5 V to 5.5 V
M93C86-R
1.8 V to 5.5 V
www.st.com


Similar Part No. - M93C66-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C66-R STMICROELECTRONICS-M93C66-R Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
31-Jul-2007
M93C66-R STMICROELECTRONICS-M93C66-R Datasheet
611Kb / 31P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
31-Jul-2007
M93C66-R STMICROELECTRONICS-M93C66-R Datasheet
587Kb / 31P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
27-Oct-2005
M93C66-R STMICROELECTRONICS-M93C66-R Datasheet
351Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
31-Jul-2007
M93C66-R STMICROELECTRONICS-M93C66-R Datasheet
331Kb / 37P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
31-Jul-2007
More results

Similar Description - M93C66-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8TAB9 NSC-COP8TAB9 Datasheet
1Mb / 59P
8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
On-chip Flash program memory with in-system programming
logo
Microchip Technology
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
Memory Programming Specification
2004
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
FLASH Memory Programming Specification
2002
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
EPROM Memory Programming Specification
2001
logo
National Semiconductor ...
COP8TAB9_0504 NSC-COP8TAB9_0504 Datasheet
1Mb / 59P
8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
logo
Microchip Technology
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
EEPROM Memory Programming Specification
2002
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
Flash Memory Programming Specification
01/05/10 2010
logo
Renesas Technology Corp
RX100 RENESAS-RX100 Datasheet
1Mb / 71P
Flash memory programming software
logo
Mallory performance clu...
PN4219 MALLORY-PN4219 Datasheet
738Kb / 8P
Programming Instructions for the SB6 Ignitions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com