Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C66-R Datasheet(PDF) 34 Page - STMicroelectronics

Part # M93C66-R
Description  Programming instructions that work on: byte word or entire memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C66-R Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M93C66-R Datasheet HTML 27Page - STMicroelectronics M93C66-R Datasheet HTML 28Page - STMicroelectronics M93C66-R Datasheet HTML 29Page - STMicroelectronics M93C66-R Datasheet HTML 30Page - STMicroelectronics M93C66-R Datasheet HTML 31Page - STMicroelectronics M93C66-R Datasheet HTML 32Page - STMicroelectronics M93C66-R Datasheet HTML 33Page - STMicroelectronics M93C66-R Datasheet HTML 34Page - STMicroelectronics M93C66-R Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Revision history
M93C86-x M93C76-x M93C66-x M93C56-x M93C46-x
34/35
DocID4997 Rev 17
26-Oct-2013
14
Updated:
– Table 1: Device summary: added “M93C46-R” and “M93C86-R”,
deleted M93Cxx part numbers.
– Features: Single supply voltage, write cycles and data retention
– Section 1: Description
– Note (2) under Table 7: Absolute maximum ratings.
– Section 10: DC and AC parameters: updated the introduction and
deleted tables related to M93Cxx part numbers.
– Figure 9: AC testing input output waveforms
– Table 14: DC characteristics (M93Cx6-W, device grade 6),
Table 15: DC characteristics (M93Cx6-R), Table 16: AC
characteristics (M93Cx6-W, M93Cx6-R, device grade 6) and
Table 17: AC characteristics (M93Cx6-R).
– Table 22: Ordering information scheme.
Added:
– Figure 4: M93Cx6 ORG input connection
– Table 10: Cycling performance and Table 11: Memory cell data
retention.
15-Nov-2013
15
Removed Table 14 Cycling performance by byte
06-Nov-2015
16
Updated:
– Features
– Table 1: Device summary;
– Notes of Table 7: Absolute maximum ratings;
– Table 22: Ordering information scheme
– Table 11: Package information
21-Dec-2015
17
Updated:
– Figure 16: UFDFN8 - 8-lead, 2 × 3 mm, 0.5 mm pitch ultra thin
profile fine pitch dual flat package outline
– Table 20: UFDFN8 - 8-lead, 2 × 3 mm, 0.5 mm pitch ultra thin
profile fine pitch dual flat package mechanical data
Table 23. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com