Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C66-R Datasheet(PDF) 22 Page - STMicroelectronics

Part # M93C66-R
Description  Programming instructions that work on: byte word or entire memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C66-R Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M93C66-R Datasheet HTML 18Page - STMicroelectronics M93C66-R Datasheet HTML 19Page - STMicroelectronics M93C66-R Datasheet HTML 20Page - STMicroelectronics M93C66-R Datasheet HTML 21Page - STMicroelectronics M93C66-R Datasheet HTML 22Page - STMicroelectronics M93C66-R Datasheet HTML 23Page - STMicroelectronics M93C66-R Datasheet HTML 24Page - STMicroelectronics M93C66-R Datasheet HTML 25Page - STMicroelectronics M93C66-R Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
DC and AC parameters
M93C86-x M93C76-x M93C66-x M93C56-x M93C46-x
22/35
DocID4997 Rev 17
Table 15. DC characteristics (M93Cx6-R)
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
0V
≤ VIN ≤ VCC
-
±2.5
µA
ILO
Output leakage current
0V
≤ VOUT ≤ VCC, Q in Hi-Z
-
±2.5
µA
ICC
Operating supply current
VCC = 5 V, S = VIH, f = 2 MHz,
Q = open
-
2
mA
VCC = 1.8 V, S = VIH, f = 1 MHz,
Q = open
-
1
mA
ICC1
Standby supply current
VCC = 1.8 V, S = VSS, C = VSS,
ORG = VSS or VCC,
pin7 = VCC, VSS or Hi-Z
-
1(1)
µA
VIL
Input low voltage (D, C, S)
-
–0.45
0.2 VCC
V
VIH
Input high voltage (D, C, S)
-
0.8 VCC VCC + 1
V
VOL
Output low voltage (Q)
VCC = 1.8 V, IOL = 100 µA
-
0.2
V
VOH
Output high voltage (Q)
VCC = 1.8 V, IOH = –100 µA
VCC–0.2
-
V
1.
2 µA for previous devices identified with process letter G.
Table 16. AC characteristics (M93Cx6-W, M93Cx6-R(1), device grade 6)
1.
All M93Cx6-R devices operate with a clock frequency of 1MHz, as defined in Table 17. Only the new
M93Cx6-R devices (identified with the process letter K) can operate with the 2 MHz timing values defined
in this table.
Test conditions specified in Table 8 and Table 12
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSK
Clock frequency
D.C.
2
MHz
tSLCH
Chip Select low to Clock high
50
-
ns
tSHCH
tCSS
Chip Select setup time
50
-
ns
tSLSH
(2)
2.
Chip Select Input (S) must be brought low for a minimum of tSLSH between consecutive instruction cycles.
tCS
Chip Select low to Chip Select high
200
-
ns
tCHCL
(3)
3.
tCHCL + tCLCH ≥ 1 / fC.
tSKH
Clock high time
200
-
ns
tCLCH
(3)
tSKL
Clock low time
200
-
ns
tDVCH
tDIS
Data in setup time
50
-
ns
tCHDX
tDIH
Data in hold time
50
-
ns
tCLSH
tSKS
Clock setup time (relative to S)
50
-
ns
tCLSL
tCSH
Chip Select hold time
0
-
ns
tSHQV
tSV
Chip Select to READY/BUSY status
-
200
ns
tSLQZ
tDF
Chip Select low to output Hi-Z
-
100
ns
tCHQL
tPD0
Delay to output low
-
200
ns
tCHQV
tPD1
Delay to output valid
-
200
ns
tW
tWP
Erase or Write cycle time
-
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com