Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C66-R Datasheet(PDF) 33 Page - STMicroelectronics

Part # M93C66-R
Description  Programming instructions that work on: byte word or entire memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C66-R Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M93C66-R Datasheet HTML 27Page - STMicroelectronics M93C66-R Datasheet HTML 28Page - STMicroelectronics M93C66-R Datasheet HTML 29Page - STMicroelectronics M93C66-R Datasheet HTML 30Page - STMicroelectronics M93C66-R Datasheet HTML 31Page - STMicroelectronics M93C66-R Datasheet HTML 32Page - STMicroelectronics M93C66-R Datasheet HTML 33Page - STMicroelectronics M93C66-R Datasheet HTML 34Page - STMicroelectronics M93C66-R Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
DocID4997 Rev 17
33/35
M93C86-x M93C76-x M93C66-x M93C56-x M93C46-x
Revision history
34
13
Revision history
Table 23. Document revision history
Date
Revision
Changes
01-Apr-2010
9
Modified footnote in Table 14 and Table 15 on page 23
Updated Figure 14: UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual
flat package no lead 2 x 3 mm, outline and Table 22: UFDFPN8
(MLP8) 8-lead ultra thin fine pitch dual flat package no lead 2 x 3 mm,
data
29-Apr-2010
10
Updated Figure 31: Available M93C66-x products (package, voltage
range, temperature grade) UFDFPN option.
12-Apr-2011
11
Updated Table 7: Absolute maximum ratings, MLP8 package data in
Section 12: Package mechanical data and process data in Section 9:
Clock pulse counter.
Deleted Table 29: Available M93C46-x products (package, voltage
range, temperature grade), Table 30: Available M93C56-x products
(package, voltage range, temperature grade), Table 31: Available
M93C66-x products (package, voltage range, temperature grade),
Table 32: Available M93C76-x products (package, voltage range,
temperature grade) and Table 33: Available M93C86-x products
(package, voltage range, temperature grade).
05-Oct-2011
12
Updated Table 1: Device summary and Table 8: Operating conditions
(M93Cx6).
Modified footnote 2 in Table 7.
23-Apr-2013
13
Document reformatted.
Updated:
– Part number names
– Table 1: Device summary and package figure on cover page
– Section 1: Description
– Introductory paragraph in Section 9: Maximum ratings
– Note (2) under Table 7: Absolute maximum ratings
– Table 8: Operating conditions (M93Cx6) and Table 8: Operating
conditions (M93Cx6-W)
– Introductory paragraph in Section 11: Package information
– Figure 15: UFDFPN8 8-lead Ultra thin Fine pitch Dual Flat
Package No lead 2 x 3 mm, outline and Table 20: UFDFPN8 8-lead
Ultra thin Fine pitch Dual Flat Package No lead
x 3 mm, data
– Table 22: Ordering information scheme
Renamed:
– Figure 2: 8-pin package connections (top view)
–Table 16: AC characteristics (M93Cx6, device grade 6)
Deleted:
– Section: Common I/O operation
– Table: DC characteristics (M93Cx6, device grade 3), Table: DC
characteristics (M93Cx6-W, device grade 3), and Table: AC
characteristics (M93Cx6-W, device grade 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com