Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3244MEBJR Datasheet (PDF) - STMicroelectronics

ST6G3244MEBJR Datasheet PDF - STMicroelectronics
Part # ST6G3244MEBJR
Download  ST6G3244MEBJR Download
File Size   662.81 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection

ST6G3244MEBJR Datasheet (PDF)

Go To PDF Page Download Datasheet
ST6G3244MEBJR Datasheet PDF - STMicroelectronics

Part # ST6G3244MEBJR
Download  ST6G3244MEBJR Click to download

File Size   662.81 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection

ST6G3244MEBJR Datasheet (HTML) - STMicroelectronics


ST6G3244MEBJR Product details

Features
■ Supports 60 MHz clock rate
■ Supports DDR mode for SD Card™
■ Compliant with – SD Specification Part 1 Physical Layer Specification 3.00 (SDR12, SDR25, DDR50) – SD Specification Part 1 Physical Layer Specification 2.00
■ Bi-directional with direction control pin
■ Balanced propagation delays: tPLH ≈ tPHL
■ LDO power-down support. When the LDO is powered down, VCCB is pulled to GND via the 130 Ω resistor. When VCCB = 0 V, there is no additional leakage seen on VCCA.
■ EMI filtering and signal conditioning
■ Supports both 1.8 V and 2.9 V data translation on card side
■ Integrated LDO to supply 1.8 V or 2.9 V power for B-side I/Os (pin-selectable); can be used also externally
■ Integrated pull-up and pull-down resistors on B-side
■ Operating voltage range – VCCA = 1.62 V to 1.98 V – VBAT = 3.0 V to 5.0 V
■ Latch-up performance exceeds 100 mA (JEDEC Standard 78)
■ ESD protection for card side (B-port, CD and WP pins) – ±8 kV contact discharge (IEC61000-4-2) – ±15 kV air-gap discharge (IEC61000-4-2)
■ ESD protection for host side (A-side) – ±2 kV HBM (JEDEC 22-A114) – ±200 V MM (JEDEC 22-A115)
■ Operating temperature range –40 °C to +85 °C
■ Space-saving Flip Chip 25 package (2 x 2 x 0.605 mm, 0.4 mm bump pitch)
■ RoHS compliant, lead-free soldering capable

Applications
■ Mobile phones, smartphones
■ PDAs
■ Cameras
■ SD Card readers
■ Any device with SD memory card




Similar Part No. - ST6G3244MEBJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
18-Apr-2008
ST6G3240TBR STMICROELECTRONICS-ST6G3240TBR Datasheet
559Kb / 29P
Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
18-Apr-2008
More results


Similar Description - ST6G3244MEBJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
224Kb / 17P
Dual Supply Level Translator for SD/ MINISD/ T-FLASH With ±8KV Contact Discharge ESD Protection
23-Feb-2006
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06 Datasheet
184Kb / 2P
SD/SDIO and MMC Two-Port Multiplexer
logo
STMicroelectronics
EMIF06-MSD01F2 STMICROELECTRONICS-EMIF06-MSD01F2 Datasheet
190Kb / 7P
IPAD??Mini and micro SD Card - EMI filtering and 25 kV ESD protection
02-Feb-2007
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
18-Apr-2008
logo
Infineon Technologies A...
BGF117 INFINEON-BGF117 Datasheet
721Kb / 8P
High-Speed Mini-/Micro-SD Card ESD Protection and EMI Filter
V2.0, January 2010
logo
STMicroelectronics
EMIF06-MSD02C3 STMICROELECTRONICS-EMIF06-MSD02C3 Datasheet
613Kb / 11P
Mini and micro-SD card IPAD??EMI filtering and ESD protection
12-Aug-2010
EMIF06-USD05F3 STMICROELECTRONICS-EMIF06-USD05F3 Datasheet
337Kb / 8P
6-line EMI filter and ESD protection for SD card, mini-SD card and micro-SD card interfaces
25-Apr-2014
logo
NXP Semiconductors
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com