Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C6264A Datasheet (PDF) - Alliance Semiconductor Corporation

AS6C6264A Datasheet PDF - Alliance Semiconductor Corporation
Part # AS6C6264A
Download  AS6C6264A Download
File Size   885.97 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Common data inputs and outputs

AS6C6264A Datasheet (PDF)

Go To PDF Page Download Datasheet
AS6C6264A Datasheet PDF - Alliance Semiconductor Corporation

Part # AS6C6264A
Download  AS6C6264A Click to download

File Size   885.97 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Common data inputs and outputs

AS6C6264A Datasheet (HTML) - Alliance Semiconductor Corporation


AS6C6264A Product details

DESCRIPTION

The AS6C6264A is a static RAM manufactured using a CMOS process technology with the following operating modes:

  - Read - Standby

  - Write - Data Retention

The memory array is based on a 6-transistor cell.



FEATURES

 8192 x 8 bit static CMOS RAM

 70 ns Access Times

 Common data inputs and outputs

Three-state outputs

 Typ. operating supply current

      o 70 ns: 10 mA

Standby current:

      o< 2 μA at Ta ≤ 70 °C

 Data retention current at 2 V:

      o< 1 μA at Ta ≤ 70 °C

TTL/CMOS-compatible

Automatic reduction of power dissipation in long Read or Write cycles

   Power supply voltage 5 V

Operating temperature ranges:

      o 0 to 70 °C

      o -40 to 85 °C

 ESD protection > 2000 V (MIL STD 883C M3015.7)

 Latch-up immunity > 100 mA

 Packages: PDIP28 (600 mil)

                 SOP28 (330 mil)




Similar Part No. - AS6C6264A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C6264AS6C6264-55PCN ALSC-AS6C6264AS6C6264-55PCN Datasheet
1Mb / 13P
8K X 8 BIT LOW POWER CMOS SRAM
July 2017, v2.0
More results


Similar Description - AS6C6264A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
TTL-Compatible Inputs and Outputs
logo
Gennum Corporation
GS1675 GENNUM-GS1675 Datasheet
1Mb / 37P
Differential inputs and outputs
logo
IK Semicon Co., Ltd
IN74LS157 IKSEMICON-IN74LS157 Datasheet
192Kb / 4P
Buffered Inputs and Outputs
logo
M/A-COM Technology Solu...
MAAM-011169 MA-COM-MAAM-011169 Datasheet
1Mb / 10P
Differential Inputs and Outputs
logo
Integrated Silicon Solu...
IS61WV10248EDBLL ISSI-IS61WV10248EDBLL Datasheet
814Kb / 18P
TTL compatible inputs and outputs
logo
Micross Components
AS4SD16M16 MICROSS-AS4SD16M16 Datasheet
6Mb / 52P
LVTTL- compatible inputs and outputs
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
TTL Compatible Inputs and Outputs
logo
STMicroelectronics
74VCX16373 STMICROELECTRONICS-74VCX16373 Datasheet
288Kb / 12P
3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
logo
Alliance Semiconductor ...
AS6C62256A ALSC-AS6C62256A Datasheet
599Kb / 10P
Common data inputs and data outputs
logo
fujitsu semiconductor
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
TTL compatible inputs and outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com