Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C62256A Datasheet (PDF) - Alliance Semiconductor Corporation

AS6C62256A Datasheet PDF - Alliance Semiconductor Corporation
Part # AS6C62256A
Download  AS6C62256A Download
File Size   599.25 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Common data inputs and data outputs

AS6C62256A Datasheet (PDF)

Go To PDF Page Download Datasheet
AS6C62256A Datasheet PDF - Alliance Semiconductor Corporation

Part # AS6C62256A
Download  AS6C62256A Click to download

File Size   599.25 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Common data inputs and data outputs

AS6C62256A Datasheet (HTML) - Alliance Semiconductor Corporation


AS6C62256A Product details

DESCRIPTION
The AS6C62256A is a static RAM manufactured using a CMOS process technology with the following operating modes:
    - Read - Standby
    - Write - Data Retention
The memory array is based on a 6-transistor cell.

FEATURES
● 32768x8 bit static CMOS RAM
● Access times 70 ns
● Common data inputs and data outputs
● Three-state outputs
● Typ. operating supply current
    o 70 ns: 50 mA
● TTL/CMOS-compatible
● Automatical reduction of power dissipation in long Read Cycles
● Power supply voltage 5V + 10%
● Operating temperature ranges
    o 0 to 70 °C
    o -40 to 85 °C
● QS 9000 Quality Standard
● ESD protection > 2000 V (MIL STD 883C M3015.7)
● Latch-up immunity >100 mA
● Packages: PDIP28 (600 mil)
                     SOP28 (330 mil)




Similar Part No. - AS6C62256A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C62256A-70PIN ALSC-AS6C62256A-70PIN Datasheet
599Kb / 10P
32K X 8 BIT LOW POWER CMOS SRAM
More results


Similar Description - AS6C62256A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC354 MOTOROLA-MC54-74HC354 Datasheet
206Kb / 9P
8-Input Data Selector/Multiplexer With Data and Address Latches and 3-State Outputs
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
TTL-Compatible Inputs and Outputs
logo
Gennum Corporation
GS1675 GENNUM-GS1675 Datasheet
1Mb / 37P
Differential inputs and outputs
logo
IK Semicon Co., Ltd
IN74LS157 IKSEMICON-IN74LS157 Datasheet
192Kb / 4P
Buffered Inputs and Outputs
logo
M/A-COM Technology Solu...
MAAM-011169 MA-COM-MAAM-011169 Datasheet
1Mb / 10P
Differential Inputs and Outputs
logo
Micross Components
AS4SD16M16 MICROSS-AS4SD16M16 Datasheet
6Mb / 52P
LVTTL- compatible inputs and outputs
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
TTL Compatible Inputs and Outputs
logo
STMicroelectronics
74VCX16373 STMICROELECTRONICS-74VCX16373 Datasheet
288Kb / 12P
3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
logo
Alliance Semiconductor ...
AS6C6264A ALSC-AS6C6264A Datasheet
885Kb / 10P
Common data inputs and outputs
logo
fujitsu semiconductor
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
TTL compatible inputs and outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com