Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C62256A-70PIN Datasheet (PDF) - Alliance Semiconductor Corporation

AS6C62256A-70PIN Datasheet PDF - Alliance Semiconductor Corporation
Part # AS6C62256A-70PIN
Download  AS6C62256A-70PIN Download
File Size   599.25 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 32K X 8 BIT LOW POWER CMOS SRAM

AS6C62256A-70PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
AS6C62256A-70PIN Datasheet PDF - Alliance Semiconductor Corporation

Part # AS6C62256A-70PIN
Download  AS6C62256A-70PIN Click to download

File Size   599.25 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 32K X 8 BIT LOW POWER CMOS SRAM

AS6C62256A-70PIN Datasheet (HTML) - Alliance Semiconductor Corporation


AS6C62256A-70PIN Product details

DESCRIPTION
The AS6C62256A is a static RAM manufactured using a CMOS process technology with the following operating modes:
    - Read - Standby
    - Write - Data Retention
The memory array is based on a 6-transistor cell.

FEATURES
● 32768x8 bit static CMOS RAM
● Access times 70 ns
● Common data inputs and data outputs
● Three-state outputs
● Typ. operating supply current
    o 70 ns: 50 mA
● TTL/CMOS-compatible
● Automatical reduction of power dissipation in long Read Cycles
● Power supply voltage 5V + 10%
● Operating temperature ranges
    o 0 to 70 °C
    o -40 to 85 °C
● QS 9000 Quality Standard
● ESD protection > 2000 V (MIL STD 883C M3015.7)
● Latch-up immunity >100 mA
● Packages: PDIP28 (600 mil)
                     SOP28 (330 mil)




Similar Part No. - AS6C62256A-70PIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C62256A ALSC-AS6C62256A Datasheet
599Kb / 10P
Common data inputs and data outputs
More results


Similar Description - AS6C62256A-70PIN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
32K X 8 BIT LOW POWER CMOS SRAM
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
32K X 8 BIT LOW POWER CMOS SRAM
UT62256B ETC1-UT62256B Datasheet
193Kb / 10P
32K X 8 BIT LOW POWER (6T) CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
32K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
Very Low Power CMOS SRAM 32K X 8 bit
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
32K X 8 BIT LOW POWER CMOS SRAM
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
32K X 8 BIT LOW POWER CMOS SRAM
LY62256_1008 LYONTEK-LY62256_1008 Datasheet
292Kb / 14P
32K X 8 BIT LOW POWER CMOS SRAM
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
32K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com