Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT62256C Datasheet (PDF) - List of Unclassifed Manufacturers

UT62256C Datasheet PDF - List of Unclassifed Manufacturers
Part # UT62256C
Download  UT62256C Download
File Size   162.77 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 32K X 8 BIT LOW POWER CMOS SRAM

UT62256C Datasheet (PDF)

Go To PDF Page Download Datasheet
UT62256C Datasheet PDF - List of Unclassifed Manufacturers

Part # UT62256C
Download  UT62256C Click to download

File Size   162.77 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 32K X 8 BIT LOW POWER CMOS SRAM

UT62256C Datasheet (HTML) - List of Unclassifed Manufacturers


UT62256C Product details

[UTRON]

GENERAL DESCRIPTION
The UT62256C is a 262,144-bit low power CMOS static random access memory organized as 32,768 words by 8 bits. It is fabricated using high performance, high reliability CMOS technology.
The UT62256C is designed for high-speed and low power application. It is particularly well suited for battery back-up nonvolatile memory application.
The UT62256C operates from a single 5V power supply and all inputs and outputs are fully TTL compatible.

FEATURES
■ Access time : 35/70ns (max.)
■ Low power consumption:
   Operating : 40/30 mA (typical.)
   Standby : 3mA (typical) normal
                2uA (typical) L-version
                1uA (typical) LL-version
■ Single 5V power supply
■ All inputs and outputs are TTL compatible
■ Fully static operation
■ Three state outputs
■ Data retention voltage : 2V (min.)
■ Package : 28-pin 600 mil PDIP
                 28-pin 330 mil SOP
                 28-pin 8mmx13.4mm STSOP




Similar Part No. - UT62256C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
32K X 8 BIT LOW POWER CMOS SRAM
UT62256B ETC1-UT62256B Datasheet
193Kb / 10P
32K X 8 BIT LOW POWER (6T) CMOS SRAM
UT62256BLS-35L ETC1-UT62256BLS-35L Datasheet
193Kb / 10P
32K X 8 BIT LOW POWER (6T) CMOS SRAM
UT62256BLS-35LL ETC1-UT62256BLS-35LL Datasheet
193Kb / 10P
32K X 8 BIT LOW POWER (6T) CMOS SRAM
UT62256BLS-70L ETC1-UT62256BLS-70L Datasheet
193Kb / 10P
32K X 8 BIT LOW POWER (6T) CMOS SRAM
More results


Similar Description - UT62256C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
32K X 8 BIT LOW POWER CMOS SRAM
UT62256B ETC1-UT62256B Datasheet
193Kb / 10P
32K X 8 BIT LOW POWER (6T) CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
32K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
Very Low Power CMOS SRAM 32K X 8 bit
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
32K X 8 BIT LOW POWER CMOS SRAM
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
32K X 8 BIT LOW POWER CMOS SRAM
LY62256_1008 LYONTEK-LY62256_1008 Datasheet
292Kb / 14P
32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256A-70PIN ALSC-AS6C62256A-70PIN Datasheet
599Kb / 10P
32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
32K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com