Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C62256 Datasheet (PDF) - Alliance Semiconductor Corporation

AS6C62256 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS6C62256
Download  AS6C62256 Download
File Size   2305.17 Kbytes
Page   12 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 32K X 8 BIT LOW POWER CMOS SRAM

AS6C62256 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS6C62256 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS6C62256
Download  AS6C62256 Click to download

File Size   2305.17 Kbytes
Page   12 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 32K X 8 BIT LOW POWER CMOS SRAM

AS6C62256 Datasheet (HTML) - Alliance Semiconductor Corporation


AS6C62256 Product details

GENERAL DESCRIPTION
The AS6C62256 is a 262,144-bit low power CMOS static random access memory organized as 32,768 words by 8 bits. It is fabricated using very high performance, high reliability CMOS technology. Its standby current is stable within the range of operating temperature.

FEATURES
■ Access time : 55ns
■ Low power consumption:
    Operation current : 15mA (TYP.), VCC = 3.0V
    Standby current : 1µA (TYP.), VCC = 3.0V
■ Fully Compatible with all Competitors 5V product
■ Fully static operation
■ Tri-state output
■ Data retention voltage : 2.0V (MIN.)
■ All products ROHS Compliant
■ Wide range power supply : 2.7 ~ 5.5V
■ Fully Compatible with all Competitors 3.3V product
■ Package : 28-pin 600 mil PDIP
                    28-pin 330 mil SOP
                    28-pin 8mm x 13.4mm sTSOP




Similar Part No. - AS6C62256

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C62256A ALSC-AS6C62256A Datasheet
599Kb / 10P
Common data inputs and data outputs
AS6C62256A-70PIN ALSC-AS6C62256A-70PIN Datasheet
599Kb / 10P
32K X 8 BIT LOW POWER CMOS SRAM
More results


Similar Description - AS6C62256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
32K X 8 BIT LOW POWER CMOS SRAM
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
32K X 8 BIT LOW POWER CMOS SRAM
UT62256B ETC1-UT62256B Datasheet
193Kb / 10P
32K X 8 BIT LOW POWER (6T) CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
Very Low Power CMOS SRAM 32K X 8 bit
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
32K X 8 BIT LOW POWER CMOS SRAM
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
32K X 8 BIT LOW POWER CMOS SRAM
LY62256_1008 LYONTEK-LY62256_1008 Datasheet
292Kb / 14P
32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256A-70PIN ALSC-AS6C62256A-70PIN Datasheet
599Kb / 10P
32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
32K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com