Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C62256 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS6C62256
Description  32K X 8 BIT LOW POWER CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C62256 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS6C62256 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
32K X 8 BIT LOW POWER CMOS SRAM
FEATURES
Access time : 55ns
Low power consumption:
Operation current :
15mA (TYP.), VCC = 3.0V
Standby current :
1µA (TYP.), VCC = 3.0V
Fully Compatible with all Competitors 5V product
Fully static operation
Tri-state output
Data retention voltage : 2.0V (MIN.)
All products ROHS Compliant
Package : 28-pin 600 mil PDIP
28-pin 330 mil SOP
28-pin 8mm x 13.4mm sTSOP
GENERAL DESCRIPTION
The AS6C62256 is a 262,144-bit low power CMOS
static random access memory organized as 32,768
words by 8 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The AS6C62256 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The AS6C62256 operates with wide range power
supply 2.7 ~ 5.5V
.
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
32Kx8
MEMORY ARRAY
COLUMN I/O
A0-A14
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A14
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
®
Wide range power supply : 2.7 ~ 5.5V
Fully Compatible with all Competitors 3.3V product
February 2007
AS6C62256
02/FEB/07, v1.0
Alliance Memory Inc.
Page 1 of 12


Similar Part No. - AS6C62256

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C62256A ALSC-AS6C62256A Datasheet
599Kb / 10P
Common data inputs and data outputs
AS6C62256A-70PIN ALSC-AS6C62256A-70PIN Datasheet
599Kb / 10P
32K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - AS6C62256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
32K X 8 BIT LOW POWER CMOS SRAM
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
32K X 8 BIT LOW POWER CMOS SRAM
UT62256B ETC1-UT62256B Datasheet
193Kb / 10P
32K X 8 BIT LOW POWER (6T) CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
Very Low Power CMOS SRAM 32K X 8 bit
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
32K X 8 BIT LOW POWER CMOS SRAM
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
32K X 8 BIT LOW POWER CMOS SRAM
LY62256_1008 LYONTEK-LY62256_1008 Datasheet
292Kb / 14P
32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256A-70PIN ALSC-AS6C62256A-70PIN Datasheet
599Kb / 10P
32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com