Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C62256 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS6C62256
Description  32K X 8 BIT LOW POWER CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C62256 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS6C62256 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C62256 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
®
32K X 8 BIT LOW POWER CMOS SRAM
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*5
MAX.
UNIT
Supply Voltage
VCC
V
5
.
5
3
.
3
7
.
2
Input High Voltage
VIH*1
V
-
c
c
V
*
7
.
0
CC
+0.5
V
Input Low Voltage
VIL*2
V
6
.
0
-
5
.
0
-
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.4
3.0
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
-55
-
15
45
mA
ICC
Cycle time = Min.
CE# = VIL , II/O = 0mA
.
Average Operating
Power supply Current
ICC1
Cycle time = 1µs
CE#≦0.2V and II/O = 0mA
other pins at 0.2V or VCC-0.2V
-
3
10
mA
ISB
CE# = VIH
A
m
3
1
-
-C
-
1
50*4
µA
Standby Power
Supply Current
ISB1
CE# V
≧ CC
- 0.2V
-I
-
1
80*4
µA
Notes: C = Commercial Temperature I = Industrial Temperature
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. 10µA for special request
5. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25ºC
CAPACITANCE (TA = 25 , f
℃
= 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
V
o
t
V
2
.
0
s
l
e
v
e
L
e
s
l
u
P
t
u
p
n
I
CC
- 0.2V
s
n
3
s
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
t
u
p
n
I
Input and Output Timing Reference Levels
1.5V
C
d
a
o
L
t
u
p
t
u
O
L
= 50pF + 1TTL, IOH/IOL = -1mA/2mA
February 2007
AS6C62256
02/FEB/07, v1.0
Alliance Memory Inc.
Page 3 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com