Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519 Datasheet (PDF) - Allegro MicroSystems

A8519 Datasheet PDF - Allegro MicroSystems
Part # A8519
Download  A8519 Download
File Size   4309.14 Kbytes
Page   35 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Fully integrated 42 V MOSFET for boost converter

A8519 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8519 Datasheet PDF - Allegro MicroSystems

Part # A8519
Download  A8519 Click to download

File Size   4309.14 Kbytes
Page   35 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Fully integrated 42 V MOSFET for boost converter

A8519 Datasheet (HTML) - Allegro MicroSystems




Similar Part No. - A8519

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
Wide Input Voltage Range, High Efficiency
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
More results


Similar Description - A8519

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8518 ALLEGRO-A8518 Datasheet
1Mb / 30P
Fully integrated 42 V MOSFET for boost converter
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
10-A Fully-Integrated Synchronous Boost Converter
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5167 HMSEMI-HM5167 Datasheet
1Mb / 18P
13V, 10A fully integrated synchronous boost converter
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
20V, 14A fully integrated synchronous boost converter
logo
Texas Instruments
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS552892 TI-TPS552892 Datasheet
2Mb / 35P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
DECEMBER 2022
TPS552892 TI-TPS552892_V01 Datasheet
2Mb / 37P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
REVISED APRIL 2023
TPS552872 TI1-TPS552872 Datasheet
2Mb / 35P
TPS552872, 36-V, 4-A, Fully Integrated Buck-boost Converter
AUGUST 2023
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com